Electronic Components Datasheet Search
  English  ▼

X  

N9101S Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # N9101S
Description  10G BASE-T MAGNETIC MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

N9101S Datasheet(HTML) 1 Page - MPS Industries, Inc.

  N9101S Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
10G BASE-T
MAGNETIC MODULE
N9101S
• Compliant with IEEE 802.3 standard
• Lowprofilepackage
• Operating temperature range: 0oC to +70oC
• Storage temperature: -40oC to +85oC
• RoHS compliant product
• Custom design available upon request
Industries
ELECTRICAL SPECIFICATION @ 25OC
Part
Number
Turns
Ratio
±3%
Insertion Loss
(dB) Max
MHz
Retrun Loss
(dB) Min
MHz
Cross Talk
(dB) Min
MHz
CMR
(dB) Min
MHz
1-300
300-400 400-500
1-40
40-500
1-100
100-500
1-500
N9101S
1CT:1CT
-1.0
-1.2
-2.0
-18
-17+10log(f/40MHz)
-40
-30
-22
•
OCL:150μHMin@100KHz,0.1V
RMS
•
Hipot:1500V
RMS, 0.5mA, 60 sec
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
SCHEMATIC
DIMENSIONS


Similar Description - N9101S

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF1406DB XFMRS-XF1406DB_09 Datasheet
47Kb / 1P
10 BASE T MAGNETIC MODULE
XF1406DB XFMRS-XF1406DB Datasheet
47Kb / 1P
10 BASE T MAGNETIC MODULE
XF1406DB XFMRS-XF1406DB_15 Datasheet
47Kb / 1P
10 BASE T Magnetic MODULE
XF10067B XFMRS-XF10067B_15 Datasheet
46Kb / 1P
10 BASE T Magnetic MODULE
logo
API Technologies Corp
6689-6690 APITECH-6689-6690 Datasheet
384Kb / 1P
1000 Base-T Magnetic module
8327 APITECH-8327 Datasheet
709Kb / 1P
1000 Base-T Magnetic module
logo
Allied Components Inter...
A10GS-2403S ALLIED-A10GS-2403S Datasheet
891Kb / 1P
10G BASE-T LAN Filter Module
A10GS-4396S ALLIED-A10GS-4396S Datasheet
623Kb / 1P
10G BASE-T LAN Filter Module
logo
LinkCom Manufacturing C...
LAN8241-71R LINKCOM-LAN8241-71R Datasheet
72Kb / 1P
10G BASE-T Magnetics Module
logo
GUANGDONG MISUN TECHNOL...
LK24125SN FPE-LK24125SN Datasheet
172Kb / 1P
10G Base-T transformer Module
REV: A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com