Electronic Components Datasheet Search
  English  ▼

X  

NE-4 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # NE-4
Description  E-BEAM GUN SWITCHING POWER SUPPLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NE-4 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  NE-4 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
E-BEAM GUN SWITCHING POWER SUPPLY
NE/ NEU Series
Overall Specifications
NEU-4
NEU-6
NEU-8
Input Voltage for Control
230 Volts, Single Phase, 50/ 60 Hz, 3 Amps
Input Voltage for Power
400 Volts, 3-Phase, 50/ 60 Hz
3 Phase Input Current for Power
10 Amps
15 Amps
20 Amps
Maximum Output Power
4KW
6KW
8KW
High Voltage Range
from -3KV to -10KV (adjustable)
Maximum Emission Current
0.4 Amps
0.6 Amps
0.8 Amps
High Voltage Ripple
less than 150 Volts
Overall Specifications
NE-4
NE-6
NE-8
Input Voltage for Control
208~230 Volts, Single Phase, 50/ 60 Hz, 3 Amps
Input Voltage for Power
208~230 Volts, Single Phase, 50/ 60 Hz
3 Phase Input Current for Power
20 Amps
30 Amps
40 Amps
Maximum Output Power
4KW
6KW
8KW
High Voltage Range
from -3KV to -10KV (adjustable)
Maximum Emission Current
0.4 Amps
0.6 Amps
0.8 Amps
High Voltage Ripple
less than 150 Volts
NEU-4, NEU-6 & NEU-8 E-Beam Gun Switching Power Supplies
Made for our European customers, the NEU-4, NEU-6, and the new NEU-8 are the European versions of the
NE-4, NE-6, and NE-8. Essentially the same as the NE models, the NEU models are designed to European
voltage standards and proven highly reliable.
NE-4, NE-6 & NE-8 E-Beam Gun Switching Power Supplies
0443CW
These switching power supplies have been proven out in the field
to be highly reliable with the capacity to handle arcing well.
Each E-Beam Gun Switching Power Supply consists of the follow-
ing components:
• Power Module
• High Voltage Module
• Control Module
• Sweep Module (may also be purchased separately)
• Rack Assembly


Similar Part No. - NE-4

ManufacturerPart #DatasheetDescription
logo
Moxa Inc.
NE-4100 MOXA-NE-4100 Datasheet
506Kb / 4P
10/100 Mbps embedded serial device servers
NE-4100-ST MOXA-NE-4100-ST Datasheet
487Kb / 2P
10/100 Mbps embedded serial device servers with a starter kit
NE-4100T MOXA-NE-4100T Datasheet
506Kb / 4P
10/100 Mbps embedded serial device servers
NE-4100T-T MOXA-NE-4100T-T Datasheet
506Kb / 4P
10/100 Mbps embedded serial device servers
NE-4110-ST MOXA-NE-4110-ST Datasheet
487Kb / 2P
10/100 Mbps embedded serial device servers with a starter kit
More results

Similar Description - NE-4

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
MPS Industries, Inc.
HYDRA-15 MPSIND-HYDRA-15 Datasheet
59Kb / 1P
HYDRA-15 3-GUN SWITCHING POWER SUPPLY
logo
STMicroelectronics
AN1246 STMICROELECTRONICS-AN1246 Datasheet
103Kb / 8P
power supply using VIPer20A-E
18-Oct-2007
logo
OEN India Limited
04-TG1 OENINDIA-04-TG1 Datasheet
54Kb / 1P
Tie Gun
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com