Electronic Components Datasheet Search
  English  ▼

X  

W29GL032C Datasheet(PDF) 3 Page - Winbond

Part # W29GL032C
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032C Datasheet(HTML) 3 Page - Winbond

  W29GL032C Datasheet HTML 1Page - Winbond W29GL032C Datasheet HTML 2Page - Winbond W29GL032C Datasheet HTML 3Page - Winbond W29GL032C Datasheet HTML 4Page - Winbond W29GL032C Datasheet HTML 5Page - Winbond W29GL032C Datasheet HTML 6Page - Winbond W29GL032C Datasheet HTML 7Page - Winbond W29GL032C Datasheet HTML 8Page - Winbond W29GL032C Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
W29GL032C
Publication Release Date: October 18, 2011
i
Preliminary - Revision E
Table of Contents
1
GENERAL DESCRIPTION ......................................................................................................... 1
2
FEATURES ................................................................................................................................. 1
3
PIN CONFIGURATIONS............................................................................................................. 2
4
BLOCK DIAGRAM ...................................................................................................................... 3
5
PIN DESCRIPTION..................................................................................................................... 3
6
ARRAY ARCHITECTURE........................................................................................................... 4
6.1
H/L Sector Address Table............................................................................................... 4
6.2
Top Sector Address Table .............................................................................................. 4
6.3
Bottom Sector Address Table......................................................................................... 4
7
FUNCTIONAL DESCRIPTION.................................................................................................... 5
7.1
Device Bus Operation..................................................................................................... 5
7.2
Instruction Definitions...................................................................................................... 6
7.2.1 Reading Array Data ..........................................................................................................6
7.2.2 Page Mode Read..............................................................................................................6
7.2.3 Device Reset Operation....................................................................................................7
7.2.4 Standby Mode...................................................................................................................7
7.2.5 Output Disable Mode ........................................................................................................7
7.2.6 Write Operation.................................................................................................................7
7.2.7 Byte/Word Selection .........................................................................................................8
7.2.8 Automatic Programming of the Memory Array ..................................................................8
7.2.9 Erasing the Memory Array ................................................................................................9
7.2.10 Erase Suspend/Resume ...............................................................................................10
7.2.11 Sector Erase Resume...................................................................................................10
7.2.12 Program Suspend/Resume...........................................................................................11
7.2.13 Program Resume..........................................................................................................11
7.2.14 Programming Operation................................................................................................11
7.2.15 Buffer Write Abort .........................................................................................................12
7.2.16 Accelerated Programming Operation............................................................................12
7.2.17 Automatic Select Bus Operation ...................................................................................12
7.2.18 Automatic Select Operations.........................................................................................13
7.2.19 Automatic Select Instruction Sequence ........................................................................13
7.2.20 Enhanced Variable IO (EVIO) Control ..........................................................................14
7.2.21 Hardware Data Protection Options ...............................................................................14
7.2.22 Inherent Data Protection ...............................................................................................14
7.2.23 Power Supply Decoupling.............................................................................................14
7.3
Enhanced Sector Protect/Un-protect............................................................................ 15
7.3.1 Lock Register..................................................................................................................16
7.3.2 Individual (Non-Volatile) Protection Mode.......................................................................17
7.4
Security Sector Flash Memory Region ......................................................................... 20
7.4.1 Factory Locked: Security Sector Programmed and Protected at factory.........................20
7.4.2 Customer Lockable: Security Sector Not Programmed or Protected ..............................20
7.5
Instruction Definition Tables ......................................................................................... 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com