Electronic Components Datasheet Search
  English  ▼

X  

P8TE Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P8TE
Description  TOROIDAL POWER TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P8TE Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P8TE Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOROIDAL POWER
TRANSFORMER
• High efficiency, low noise emission, quiet operation, small size
• Part No -XXX assigned by MPS based on custom configuration
• Standard Operating Temperature: 0°C to +70°C
(extended operting temperature available)
• RoHS Compliant Product
• UL, CE, CQC Approval
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P8TE-XXX
0831JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Mechanical
Schematic (ref only)
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
P8T SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part No
Voltage
Efficiency
Dimension
Weight
Power
Regulation
Typ
DxH
Typ
Rated
P8TE-
(%)
(%)
(mm)
(Kg)
(VA)
40-XXX
16.0
80
76x32
0.52
40
60-XXX
12.0
85
90x35
0.80
60
100-XXX
10.0
88
95x45
1.10
100
150-XXX
8.0
90
110x45
1.60
150
230-XXX
7.2
91
120x50
2.20
230
330-XXX
5.0
93
135x60
3.50
330
530-XXX
4.3
94
150x65
5.10
530


Similar Part No. - P8TE

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TA-100-XXX MPSIND-P8TA-100-XXX Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TA-150-XXX MPSIND-P8TA-150-XXX Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TA-180-XXX MPSIND-P8TA-180-XXX Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TA-200-XXX MPSIND-P8TA-200-XXX Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
More results

Similar Description - P8TE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
TOROIDAL COIL TRANSFORMER
logo
DB Lectro Inc
TL35-0016-012 DBLECTRO-TL35-0016-012 Datasheet
196Kb / 5P
TOROIDAL TRANSFORMER
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
Toroidal Transformer
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
Toroidal Transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TB MPSIND-P8TB Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
TOROIDAL POWER TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
PCB toroidal transformer
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
PCB toroidal transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com