Electronic Components Datasheet Search
  English  ▼

X  

P10DR32 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P10DR32
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P10DR32 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P10DR32 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Inductance measured : < 100µH : 100KHz, 0.25V
RMS
• Inductance measured :
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: J=±5%, K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P10DR32-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
P10DR32 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
DCR
RATED
±20%
Max
I
DC
P10DR32-
(µH)
(mW)(A)
1R0
1.0
45
2.70
1R2
1.2
50
2.50
1R5
1.5
55
2.30
1R8
1.8
70
2.00
2R2
2.2
85
1.85
2R7
2.7
100
1.70
3R3
3.3
110
1.60
3R9
3.9
120
1.50
4R7
4.7
150
1.35
5R6
5.6
160
1.30
6R8
6.8
180
1.20
8R2
8.2
200
1.05
100
10
230
0.76
120
12
270
0.68
150
15
310
0.64
180
18
410
0.53
220
22
470
0.50
±10%
270
27
660
0.41
330
33
760
0.38
390
39
850
0.36
470
47
970
0.33
560
56
1250
0.29
680
68
1450
0.28
820
82
1850
0.24
101
100
2200
0.22
121
120
2290
0.19
151
150
3400
0.17
181
180
3900
0.16
221
220
4500
0.15
270
270
6000
0.14
331
330
7000
0.13


Similar Part No. - P10DR32

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P10DR105 MPSIND-P10DR105 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR105-100 MPSIND-P10DR105-100 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR105-101 MPSIND-P10DR105-101 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR105-102 MPSIND-P10DR105-102 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR105-120 MPSIND-P10DR105-120 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
More results

Similar Description - P10DR32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com