Electronic Components Datasheet Search
  English  ▼

X  

P10DR53-331 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P10DR53-331
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P10DR53-331 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P10DR53-331 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Inductance measured : < 100µH : 100KHz, 0.25V
RMS
• Inductance measured :
> 100µH : 1KHz, 0.25V
RMS
• Inductance Tolerance: J=±5%, K=±10%, L=15±%, M=±20%
Add suffix letter for tolerance after the part number
• I
RATED: Max 10% inductance drop and ∆T=40°C Temp Rise
• Operating Temperature: -40°C to +85°C
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P10DR53-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
P10DR53 SERIES
ELECTRICAL SPECIFICATION @ 25°C
PART NO
L
DCR
RATED
±20%
Max
I
DC
P10DR53-
(µH)
(mW)(A)
1R0
1.0
30
4.5
1R2
1.2
30
4.2
1R5
1.5
30
4.1
1R8M
1.8
30
3.7
2R2
2.2
30
3.5
2R7
2.7
40
3.2
3R3
3.3
50
2.8
3R9
3.9
60
2.6
4R7
4.7
70
2.5
5R6
5.6
80
2.4
6R8
6.8
90
2.2
8R2
8.2
100
2.0
±10%
100
10
120
1.8
120
12
130
1.8
150
15
150
1.7
180
18
180
1.6
220
22
220
1.5
270
27
240
1.4
33033300
1.1
390
39
400
1.00
470
47
430
0.90
560
56
500
0.85
680
68
600
0.80
820
82
800
0.65
101
100
900
0.60
121
120
1000
0.58
151
150
1300
0.43
181
180
1500
0.41
221
220
2000
0.38
271
270
2500
0.35
331
330
3200
0.28
391
390
3500
0.26
471
470
4200
0.20
561
560
4500
0.19
681
680
6000
0.18
821
820
6500
0.15
102
1000
8000
0.13


Similar Part No. - P10DR53-331

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P10DR52 MPSIND-P10DR52 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR52-100 MPSIND-P10DR52-100 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR52-101 MPSIND-P10DR52-101 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR52-120 MPSIND-P10DR52-120 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
P10DR52-121 MPSIND-P10DR52-121 Datasheet
178Kb / 1P
SMD POWER INDUCTOR
More results

Similar Description - P10DR53-331

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com