Electronic Components Datasheet Search
  English  ▼

X  

P11T80B Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P11T80B
Description  TOROIDAL INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P11T80B Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P11T80B Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TOROIDAL INDUCTOR
• RoHS Compliant Product
• Operating Temp: -55°C to +105°C
• Inductance test @ 10KHz, 0.1V
RMS
• I
DC: ∆30°C temperature rise max at rated current
• Add -V for Vertical Mount, -H for Horizontal Mount after
part number
Product performance is limited to specified parameter. Data is subject to change without prior notice.
P11T80B-XXX
0548JW
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.008
.XXX : ±0.004
mm: X,X : ± 0,20 X,XX : ±0,10
Mechanical
Schematic
ELECTRICAL SPECIFICATION @ 25°C
PART
L (µH)
I
DC
L (µH)
R
DC
DIM DIM DIM
NUMBER
±15%
±15%
MAX
A
B
C
P11T80B- 10KHz 0.1V
RMS
(A)
@I
DC
( W )
NOM NOM NOM
100-12.5
10
12.5
6.7
0.007
0.46 0.88 0.053
120-12
12
12.0
7.9
0.008
0.46 0.88 0.053
150-11.3
15
11.3
9.6
0.008
0.46 0.88 0.053
180-10.8
18
10.8
11.3
0.009
0.46 0.88 0.053
220-10.3
22
10.3
13.4
0.010
0.46 0.88 0.053
270-9.8
27
9.8
16.0
0.011
0.46 0.88 0.053
330-7.4
33
7.4
21.6
0.020
0.45 0.87 0.042
390-7.1
39
7.1
25.0
0.022
0.45 0.87 0.042
470-6.7
47
6.7
29.3
0.024
0.45 0.87 0.042
560-6.4
56
6.4
34.1
0.026
0.45 0.87 0.042
680-4.9
68
4.9
45.7
0.046
0.44 0.86 0.034
101-4.4
100
4.4
64.0
0.056
0.44 0.86 0.034
121-3.3
120
3.3
84.4
0.098
0.44 0.86 0.027
151-3.1
150
3.1
102.7
0.110
0.44 0.86 0.027
181-3.8
180
3.8
105.9
0.075
0.48 0.90 0.034
221-3.6
220
3.6
125.6
0.083
0.48 0.90 0.034
271-3.4
270
3.4
149.4
0.092
0.48 0.90 0.034
331-3.3
330
3.3
176.8
0.100
0.48 0.90 0.034
391-2.5
390
2.5
235.3
0.180
0.46 0.88 0.027
471-2.3
470
2.3
275.9
0.190
0.46 0.88 0.027
561-2.2
560
2.2
320.1
0.210
0.46 0.88 0.027
681-2.1
680
2.1
377.2
0.230
0.49 0.91 0.027
821-2.0
820
2.0
441.5
0.260
0.49 0.91 0.027
102-1.9
1000
1.9
521.3
0.280
0.49 0.91 0.027
P11T80B SERIES
13200 Estrella Ave., Bldg. B
Tel: (310) 325-1043
www.mpsind.com
Gardena, CA 90248
Fax: (310) 325-1044
sales@mpsind.com


Similar Part No. - P11T80B

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
P11T0152 MPSIND-P11T0152 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-100-2.4 MPSIND-P11T0152-100-2.4 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-100-4.7 MPSIND-P11T0152-100-4.7 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-101-2.5 MPSIND-P11T0152-101-2.5 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
P11T0152-101-4.4 MPSIND-P11T0152-101-4.4 Datasheet
239Kb / 2P
TOROIDAL INDUCTOR
More results

Similar Description - P11T80B

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
TBC0806 SUPERWORLD-TBC0806 Datasheet
155Kb / 2P
TOROIDAL INDUCTOR
TBC1307 SUPERWORLD-TBC1307 Datasheet
166Kb / 2P
TOROIDAL INDUCTOR
logo
XFMRS Inc.
XF0010-HO XFMRS-XF0010-HO Datasheet
37Kb / 1P
TOROIDAL INDUCTOR
XF0256-VM100 XFMRS-XF0256-VM100 Datasheet
37Kb / 1P
Toroidal Inductor
2XF0250-VP XFMRS-2XF0250-VP Datasheet
50Kb / 1P
TOROIDAL INDUCTOR
XF5126-VM100 XFMRS-XF5126-VM100 Datasheet
37Kb / 1P
Toroidal Inductor
XF4706-HPM XFMRS-XF4706-HPM_15 Datasheet
35Kb / 1P
TOROIDAL INDUCTOR
1XF2206-VO XFMRS-1XF2206-VO Datasheet
63Kb / 1P
TOROIDAL INDUCTOR
2XF1406-VP XFMRS-2XF1406-VP Datasheet
39Kb / 1P
TOROIDAL INDUCTOR
3XF8557-VP XFMRS-3XF8557-VP Datasheet
43Kb / 1P
TOROIDAL INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com