Electronic Components Datasheet Search
  English  ▼

X  

P1600 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1600
Description  PRECISION SMD INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1600 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1600 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PRECISION SMD INDUCTOR
P1600 SERIES
• High Q Inductor
• Good for high quality oscillator circuit applications
• Excellent temperature stability from -40°C to +100°C,
with low loss and low radiation
• Handle Idc from 200mA to 1A
• RoHS Compliant Product
• Custom design available
Industries
ELECTRICAL PARAMETERS @25°C
Part Number
P1600-
L
(µH)
Tolerance
±%
Q
100KHz, 0.1V
Min
DCR
Max
(Ω)
101
100
3.0
170
0.60
121
120
3.0
170
0.60
151
150
3.0
170
0.70
181
180
3.0
170
0.70
201
200
3.0
170
0.70
221
220
3.0
170
0.80
251
250
3.0
170
0.80
271
270
3.0
180
0.90
301
300
3.0
180
0.90
331
330
3.0
180
0.90
361
360
3.0
180
1.0
391
390
3.0
180
1.0
431
430
2.5
180
1.0
471
470
2.5
180
1.15
501
500
2.5
180
1.20
561
560
2.5
180
1.20
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
DIMENSIONS
•
Inductance at 100KHz, 0.10VRMS
•
Q measured at 100KHz, 0.10VRMS


Similar Part No. - P1600

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P160000 TRIPPLITE-P160000 Datasheet
487Kb / 2P
Compact-Slimline VGA Video Coupler Gender Changer (HD15 F-F)
More results

Similar Description - P1600

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
DR353-5-121 DATATRONICS-DR353-5-121 Datasheet
91Kb / 2P
SMD INDUCTOR
DR354-3-103-T DATATRONICS-DR354-3-103-T Datasheet
178Kb / 2P
SMD INDUCTOR
DR365-2-332 DATATRONICS-DR365-2-332 Datasheet
93Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
MPS Industries, Inc.
P1601 MPSIND-P1601 Datasheet
324Kb / 1P
PRECISION SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com