Electronic Components Datasheet Search
  English  ▼

X  

PX11608 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX11608
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX11608 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX11608 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Inductance test @ 100KHz, 0.1V
RMS @ 0ADC
• Add -M for inductance tolerance ±20% after the part no.
• I
DC: 10% inductance drop typical from its initial value at IDC
• I
RMS: ∆40°C temperature rise max at IRMS
• Operating Temperature: -40°C to +85°C
• Marking: Value
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX11608-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
Mechanical
Schematic
PX11608 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part number
L
I
DC
I
RMS
R
DC
±20%
(A)
MAX
PX11608-
(µH)
(A)
(A)
( W )
102
1.0
2.9
2.9
0.05
152
1.5
2.6
2.8
0.06
222
2.2
2.3
2.4
0.07
272
2.7
2.1
2.1
0.08
332
3.3
2.0
2.0
0.08
472
4.7
1.5
1.5
0.09
682
6.8
1.2
1.4
0.13
822
8.2
1.15
1.3
0.16
103
10
1.10
1.2
0.16
153
15
0.90
1.1
0.23
223
22
0.70
0.80
0.37
333
33
0.58
0.60
0.51
473
47
0.50
0.50
0.64
683
68
0.40
0.40
0.86
104
100
0.31
0.30
1.27
154
150
0.27
0.25
2.00
224
220
0.22
0.20
3.11
334
330
0.18
0.16
3.80
474
470
0.16
0.15
5.06
684
680
0.14
0.12
9.20
105
1000
0.10
0.07
13.8
S
F
0.055
[1,40]
0.108
[2,74]
0.155
[3,94]
Suggested Pad Layout
0.170
[4,32]
Min
0.040
[1,02]
0.050
[1,27]
0.260
[6,60]
max.
0.175
[4,45]
max.
0.140
[3,56]
0.115
[2,92]
max.


Similar Part No. - PX11608

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
PX119 OMEGA-PX119 Datasheet
289Kb / 1P
Compact Rugged Pressure Transmitters
PX119-015AI OMEGA-PX119-015AI Datasheet
289Kb / 1P
Compact Rugged Pressure Transmitters
PX119-015GI OMEGA-PX119-015GI Datasheet
289Kb / 1P
Compact Rugged Pressure Transmitters
PX119-030AI OMEGA-PX119-030AI Datasheet
289Kb / 1P
Compact Rugged Pressure Transmitters
PX119-030GI OMEGA-PX119-030GI Datasheet
289Kb / 1P
Compact Rugged Pressure Transmitters
More results

Similar Description - PX11608

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com