Electronic Components Datasheet Search
  English  ▼

X  

PX13308 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX13308
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX13308 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX13308 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance tested @ 100KHz, 0.1V
RMS
• Add -M for 20% standard inductance tolerance
Optional inductance tolerance: K=±10%, L=±15%
(subject to request)
• I
SAT: 10% inductance drop typical @ ISAT
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX13308-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
PX13308 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
DCR
SRF
I
SAT
I
RMS
±20%
Max
MHz
(A)
(A)
PX13308-
(µH)
(mW)Typical
472
4.7
36
50
4.20
6.8
682
6.8
60
47
3.90
6.4
103
10
85
37
2.70
6.1
153
15
120
35
2.30
5.4
223
22
180
26
1.80
4.8
333
33
250
19
1.60
4.4
473
47
320
14
1.30
3.9
683
68
540
12
1.10
3.1
104
100
690
11
0.87
2.7
154
150
940
9
0.74
2.1
224
220
1600
6.0
0.56
1.8
334
330
2150
5.5
0.50
1.5
474
470
3300
4.5
0.40
1.3
684
680
4400
3.5
0.33
1.0
105
1000
7000
2.5
0.29
0.8


Similar Part No. - PX13308

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX13316 MPSIND-PX13316 Datasheet
184Kb / 1P
SMD POWER INDUCTOR
PX13316-102 MPSIND-PX13316-102 Datasheet
184Kb / 1P
SMD POWER INDUCTOR
PX13316-103 MPSIND-PX13316-103 Datasheet
184Kb / 1P
SMD POWER INDUCTOR
PX13316-104 MPSIND-PX13316-104 Datasheet
184Kb / 1P
SMD POWER INDUCTOR
PX13316-105 MPSIND-PX13316-105 Datasheet
184Kb / 1P
SMD POWER INDUCTOR
More results

Similar Description - PX13308

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com