Electronic Components Datasheet Search
  English  ▼

X  

PX13316 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX13316
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX13316 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX13316 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance tested @ 100KHz, 0.1V
RMS
• Add -M for 20% standard inductance tolerance
Optional inductance tolerance: K=±10%, L=±15%
• I
SAT: 10% inductance drop typical @ ISAT
• I
RMS: ∆T=40°C Temperature rise typical @ IRMS
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX13316-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.004
mm: X,X : ± 0,38 X,XX : ±0,10
Mechanical
Schematic
PX13316 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
DCR
SRF
I
SAT
I
RMS
±20%
Max
MHz
(A)
(A)
PX13316-
(µH)
(mW)Typical
102
1.0
9
100
9.0
6.8
152
1.5
10
90
8.0
6.4
222
2.2
12
80
7.0
6.1
332
3.3
15
65
6.4
5.4
472
4.7
18
45
5.4
4.8
682
6.8
27
38
4.6
4.4
103
10
38
30
3.8
3.9
153
15
46
27
3.0
3.1
223
22
85
19
2.3
2.7
333
33
100
15
2.0
2.1
473
47
140
12
1.6
1.8
683
68
200
10
1.4
1.5
104
100
280
9.0
1.2
1.3
154
150
400
6.0
1.0
1.0
224
220
610
5.0
0.8
0.8
334
330
1020
4.5
0.6
0.6
474
470
1270
3.5
0.5
0.5
684
680
2020
2.5
0.4
0.4
105
1000
3000
2.0
0.3
0.3


Similar Part No. - PX13316

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX13316S MPSIND-PX13316S Datasheet
165Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX13316S-102 MPSIND-PX13316S-102 Datasheet
165Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX13316S-103 MPSIND-PX13316S-103 Datasheet
165Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX13316S-104 MPSIND-PX13316S-104 Datasheet
165Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX13316S-105 MPSIND-PX13316S-105 Datasheet
165Kb / 1P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PX13316

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com