Electronic Components Datasheet Search
  English  ▼

X  

PX15022 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # PX15022
Description  SMD POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX15022 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  PX15022 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD POWER INDUCTOR
• RoHS Compliant Product
• Operating Temperature: -40°C to +85°C
• Inductance tested @ 100KHz, 0.1V
RMS @ 0ADC
• Add -M for 20% standard inductance tolerance after part no.
• I
DC: 10% inductance drop typical from its initial value at IDC
• I
RMS: ∆40°C temperature rise max at IRMS
• Marking: Value
Product performance is limited to specified parameter. Data is subject to change without prior notice.
PX15022-XX
0602JW
2463 208th, Ste. 205
Torrance, CA 90501
Phone: (310)533-1455
Fax:
(310)533-1853
http://www.mpsind.com
Email: sales@mpsind.com
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ± 0.015 .XXX : ±0.010
mm: X,X : ± 0,38 X,XX : ±0,25
PX15022 SERIES
ELECTRICAL SPECIFICATION @ 25°C
Part Number
L
I
DC
I
RMS
R
DC
±20%
MAX
PX15022-
(µH)
(A)
(A)
( W )
102
1.0
20.0
8.6
0.009
222
2.2
16.0
7.1
0.014
332
3.3
14.0
6.2
0.018
562
5.6
12.0
5.3
0.020
822
8.2
10.0
4.8
0.029
103
10
10.0
4.3
0.031
153
15
8.0
4.0
0.036
223
22
7.0
3.5
0.047
333
33
5.5
3.0
0.066
473
47
4.5
2.6
0.086
683
68
3.5
2.3
0.13
104
100
3.0
1.8
0.19
154
150
2.6
1.5
0.25
224
220
2.4
1.2
0.38
334
330
1.9
1.0
0.56
474
470
1.4
0.82
0.85
684
680
1.2
0.72
1.10
105
1000
1.0
0.56
1.80
Mechanical
Schematic
0.6
[15.24]
max.
0.730
[18.50]
max.
0.10
[2.54]
0.50
[12.70]
0.10
[2.54]
0.50
[12.70]
0.30
[7.62]
max.
0.49
[12.45]
Suggested Pad Layout
0.12
[2.92]
0.11
[2.79]
S
F


Similar Part No. - PX15022

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PX15022S MPSIND-PX15022S Datasheet
166Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX15022S-102 MPSIND-PX15022S-102 Datasheet
166Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX15022S-103 MPSIND-PX15022S-103 Datasheet
166Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX15022S-104 MPSIND-PX15022S-104 Datasheet
166Kb / 1P
SHIELDED SMD POWER INDUCTOR
PX15022S-105 MPSIND-PX15022S-105 Datasheet
166Kb / 1P
SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PX15022

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com