Electronic Components Datasheet Search
  English  ▼

X  

BCV46 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCV46
Description  PNP Silicon Darlington Transistors (For general AF applications High collector current)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCV46 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCV46 Datasheet HTML 1Page - Siemens Semiconductor Group BCV46 Datasheet HTML 2Page - Siemens Semiconductor Group BCV46 Datasheet HTML 3Page - Siemens Semiconductor Group BCV46 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BCV 26
BCV 46
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Base-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
DC current gain1)
IC = 100
µA, VCE = 1 V
BCV 26
BCV 46
IC = 10 mA, VCE = 5 V
BCV 26
BCV 46
IC = 100 mA, VCE = 5 V
BCV 26
BCV 46
IC = 0.5 A, VCE = 5 V
BCV 26
BCV 46
V
Collector-emitter breakdown voltage
IC = 10 mA
BCV 26
BCV 46
V(BR)CE0
30
60
–
–
–
–
nA
nA
µA
µA
Collector cutoff current
VCB = 30 V
BCV 26
VCB = 60 V
BCV 46
VCB = 30 V, TA = 150 ˚C
BCV 26
VCB = 60 V, TA = 150 ˚C
BCV 46
ICB0
–
–
–
–
–
–
–
–
100
100
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 100
µA
BCV 26
BCV 46
V(BR)CB0
40
80
–
–
–
–
Emitter-base breakdown voltage, IE = 10
µA
V(BR)EB0
10
–
–
V
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 0.1 mA
VCEsat
––1
–
hFE
4000
2000
10000
4000
20000
10000
4000
2000
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
VBEsat
–
–
1.5
nA
Emitter cutoff current, VEB = 4 V
IEB0
–
–
100
MHz
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
–
200
–
AC characteristics
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–
4.5
–
1)
Pulse test: t
≤ 300 µs, D = 2 %.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com