Electronic Components Datasheet Search
  English  ▼

X  

BLF888 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLF888
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF888 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLF888 Datasheet HTML 1Page - NXP Semiconductors BLF888 Datasheet HTML 2Page - NXP Semiconductors BLF888 Datasheet HTML 3Page - NXP Semiconductors BLF888 Datasheet HTML 4Page - NXP Semiconductors BLF888 Datasheet HTML 5Page - NXP Semiconductors BLF888 Datasheet HTML 6Page - NXP Semiconductors BLF888 Datasheet HTML 7Page - NXP Semiconductors BLF888 Datasheet HTML 8Page - NXP Semiconductors BLF888 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BLF888
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 21 January 2011
2 of 17
NXP Semiconductors
BLF888
UHF power LDMOS transistor
Excellent ruggedness
High power gain
High efficiency
Designed for broadband operation (470 MHz to 860 MHz)
Excellent reliability
Internal input matching for high gain and optimum broadband operation
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Communication transmitter applications in the UHF band
Industrial applications in the UHF band
2.
Pinning information
[1]
Connected to flange.
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain1
2drain2
3
gate1
4
gate2
5
source
[1]
5
2
4
1
3
4
3
5
1
2
sym117
Table 3.
Ordering information
Type number Package
Name Description
Version
BLF888
-
flanged LDMOST ceramic package; 2 mounting holes; 4 leads SOT979A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
104
V
VGS
gate-source voltage
0.5
+11
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
200
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com