Electronic Components Datasheet Search
  English  ▼

X  

BCX12 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCX12
Description  NPN Silicon AF Switching Transistor (For general AF applications High breakdown voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX12 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCX12 Datasheet HTML 1Page - Siemens Semiconductor Group BCX12 Datasheet HTML 2Page - Siemens Semiconductor Group BCX12 Datasheet HTML 3Page - Siemens Semiconductor Group BCX12 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Semiconductor Group
2
BCX 12
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
V
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
V(BR)CE0
125
–
–
Collector-base breakdown voltage
IC = 100
µA, IB = 0
V(BR)CB0
125
–
–
Emitter-base breakdown voltage
IE = 10
µA, IC = 0
V(BR)EBS
5––
nA
µA
Collector-base cutoff current
VCB = 100 V, IE = 0
VCB = 100 V, IE = 0, TA = 150 ˚C
ICB0
–
–
–
–
100
10
nA
Emitter cutoff current
VEB = 4 V
IEB0
–
–
100
–
DC current gain1)
IC = 1 mA,VCE = 1 V
IC = 10 mA,VCE = 1 V
IC = 100 mA,VCE = 1 V
IC = 200 mA,VCE = 1 V
hFE
25
50
63
40
–
–
–
–
–
–
–
–
V
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
–
–
1.0
Base-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VBEsat
–
–
1.6
MHz
Transition frequency
IC = 20 mA, VCE = 5 V, f = 20 MHz
fT
–
100
–
pF
Output capacitance
VCB = 10 V, f = 1 MHz
Cobo
–10
–
AC characteristics
1)
Pulse test:
t
≤ 300 µs, D ≤ 2 %.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com