Electronic Components Datasheet Search
  English  ▼

X  

NTS0102 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # NTS0102
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button NTS0102 Datasheet HTML 9Page - NXP Semiconductors NTS0102 Datasheet HTML 10Page - NXP Semiconductors NTS0102 Datasheet HTML 11Page - NXP Semiconductors NTS0102 Datasheet HTML 12Page - NXP Semiconductors NTS0102 Datasheet HTML 13Page - NXP Semiconductors NTS0102 Datasheet HTML 14Page - NXP Semiconductors NTS0102 Datasheet HTML 15Page - NXP Semiconductors NTS0102 Datasheet HTML 16Page - NXP Semiconductors NTS0102 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
13 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
[1]
VCCI is the supply voltage associated with the input.
[2]
VCCO is the supply voltage associated with the output.
Measurement points are given in Table 12.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
Enable and disable times
001aal919
tPLZ
tPHZ
outputs
disabled
outputs
enabled
outputs
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
OE input
VOH
VCCO
GND
VOL
GND
VI
tPZL
tPZH
VY
VM
VM
VX
VM
Table 12.
Measurement points[1][2]
Supply voltage
Input
Output
VCCO
VM
VM
VX
VY
1.8 V
 0.15 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH  0.15 V
2.5 V
 0.2 V
0.5VCCI
0.5VCCO
VOL + 0.15 V
VOH  0.15 V
3.3 V
 0.3 V
0.5VCCI
0.5VCCO
VOL + 0.3 V
VOH  0.3 V
5.0 V
 0.5 V
0.5VCCI
0.5VCCO
VOL + 0.3 V
VOH  0.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com