Electronic Components Datasheet Search
  English  ▼

X  

NTS0102DP Datasheet(PDF) 23 Page - NXP Semiconductors

Part # NTS0102DP
Description  Dual supply translating transceiver; open drain; auto direction sensing
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NTS0102DP Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button NTS0102DP Datasheet HTML 19Page - NXP Semiconductors NTS0102DP Datasheet HTML 20Page - NXP Semiconductors NTS0102DP Datasheet HTML 21Page - NXP Semiconductors NTS0102DP Datasheet HTML 22Page - NXP Semiconductors NTS0102DP Datasheet HTML 23Page - NXP Semiconductors NTS0102DP Datasheet HTML 24Page - NXP Semiconductors NTS0102DP Datasheet HTML 25Page - NXP Semiconductors NTS0102DP Datasheet HTML 26Page - NXP Semiconductors NTS0102DP Datasheet HTML 27Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
NTS0102
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
23 of 27
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open drain; auto direction sensing
Fig 17. Package outline SOT1309-1 (XQFN8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1309-1
MO-255
sot1309-1_po
11-08-18
11-08-23
Unit
mm
max
nom
min
0.50 0.025
0.00
0.25
1.45
1.25
0.30
0.40
0.05
A
Dimensions
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included
XQFN8: plastic, extremely thin quad flat package; no leads;
8 terminals; body 1.4 x 1.2 x 0.5 mm
SOT1309-1
A1
A3
bD
E
e
e1
0.8
L
L1
v
0.10
wy
0.05
y1
0.20
1.40
1.20
0.4
0.127
0.05
0.25
0.35
0.15
1.35
1.15
0.35
0.45
0
3 mm
scale
detail X
e1
X
A
C
B
v
wC
D
E
A3
A1
A
B
terminal 1
index area
terminal 1
index area
A
C
y
C
y1
L1
L
b
b
e
4
6
8
5
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com