Electronic Components Datasheet Search
  English  ▼

X  

LPC4310 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC4310
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC4310 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC4310 Datasheet HTML 20Page - NXP Semiconductors LPC4310 Datasheet HTML 21Page - NXP Semiconductors LPC4310 Datasheet HTML 22Page - NXP Semiconductors LPC4310 Datasheet HTML 23Page - NXP Semiconductors LPC4310 Datasheet HTML 24Page - NXP Semiconductors LPC4310 Datasheet HTML 25Page - NXP Semiconductors LPC4310 Datasheet HTML 26Page - NXP Semiconductors LPC4310 Datasheet HTML 27Page - NXP Semiconductors LPC4310 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 149 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 3.1 — 5 January 2012
24 of 149
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P4_4
B1
x
-
14
9
-
[6]
I; PU I/O
GPIO2[4] — General purpose digital input/output pin.
O
CTOUT_2 — SCT output 2. Match output 2 of timer 0.
O
LCD_VD1 — LCD data.
-
R — Function reserved.
-
R — Function reserved.
O
LCD_VD20 — LCD data.
I/O
U3_DIR — RS-485/EIA-485 output enable/direction
control for USART3.
I/O
SGPIO10 — General purpose digital input/output pin.
O
DAC — DAC output.
P4_5
D2
x
-
15
10
-
[3]
I; PU I/O
GPIO2[5] — General purpose digital input/output pin.
O
CTOUT_5 — SCT output 5. Match output 1 of timer 1.
O
LCD_FP — Frame pulse (STN). Vertical
synchronization pulse (TFT).
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
SGPIO11 — General purpose digital input/output pin.
P4_6
C1
x
-
17
11
-
[3]
I; PU I/O
GPIO2[6] — General purpose digital input/output pin.
O
CTOUT_4 — SCT output 4. Match output 0 of timer 1.
O
LCD_ENAB/LCDM — STN AC bias drive or TFT
data enable input.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
I/O
SGPIO12 — General purpose digital input/output pin.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com