Electronic Components Datasheet Search
  English  ▼

X  

PMEG2005EPK Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2005EPK
Description  20 V, 0.5 A low VF MEGA Schottky barrier rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2005EPK Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2005EPK Datasheet HTML 1Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 2Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 3Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 4Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 5Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 6Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 7Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 8Page - NXP Semiconductors PMEG2005EPK Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PMEG2005EPK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 12 January 2012
3 of 13
NXP Semiconductors
PMEG2005EPK
20 V, 0.5 A low VF MEGA Schottky barrier rectifier
5.
Limiting values
[1]
Device mounted on a ceramic Printed-Circuit Board (PCB), Al2O3, standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6.
Thermal characteristics
[1]
For Schottky barrier diodes thermal runaway has to be considered, as in some applications the reverse power losses PR are a
significant part of the total power losses.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[3]
Reflow soldering is the only recommended soldering method.
[4]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[5]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
[6]
Soldering point of cathode tab.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj =25°C
-
20
V
IF
forward current
Tsp ≤ 140 °C
-
0.5
A
IF(AV)
average forward current
square wave;
δ = 0.5; f = 20 kHz;
Tamb ≤ 130 °C
[1]
-0.5
A
square wave;
δ = 0.5; f = 20 kHz;
Tsp ≤ 140 °C
-0.5
A
IFRM
repetitive peak forward current
tp ≤ 1 ms; δ≤ 0.5
-
2
A
IFSM
non-repetitive peak forward
current
square wave; tp =8ms; Tj(init) =25°C
-
3
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[2][3]
-
390
mW
[4][3]
-
830
mW
[1][3]
-
1470
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[1][2][3]
-
-
320
K/W
[1][4][3]
-
-
150
K/W
[1][5][3]
--85
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
[6]
--20
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com