Electronic Components Datasheet Search
  English  ▼

X  

R3536 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # R3536
Description  MINI VIDEO ISOLATION TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

R3536 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  R3536 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MECHANICAL
SCHEMATIC
13200 Estrella Ave., Bldg. B
Gardena, CA 90248
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
MINI VIDEO ISOLATION
TRANSFORMER
R3536
Industries
ELECTRICAL SPECIFICATION @ 25OC
Part No.
OCL 1KHz
mH Min
(1-3)
Leakage L
µH Max
(1-3)
DCR
Ω Max
(1-3)
Insertion
Loss
dB Max
Freq Resp
Typ (-3dB)
(6-4)
Impedance
Ratio ±3%
1-3:6-4
Dimension
R3536-1
140
6.0
12
-1.5
200Hz-8MHz
75Ω :100Ω
A
R3536-2
165
5.0
12
-1.5
180Hz-10MHz
75Ω : 75Ω
A
R3536-3
450
4.5
8
-1.2
50Hz-10MHz
75Ω : 75Ω
B
R3536-4
350
6.0
8
-1.2
60Hz-10MHz
75Ω : 100Ω
B
Product performance is limited to specified parameters.
Data is subject to change without prior notice.
Dimensions
Unless otherwise specified, all tolerances are:
inch: .XX : ±0.020
.XXX : ±0.004
mm: X,X : ±0,51
X,XX : ±0,10
• For CCTV ground isolation and hum stopping
• RoHS Compliant Product
• Operating Temperature: 0°C to +70°C
• CMR: -80dB Typical 50/60Hz
• Hipot: 250V
DC, 1KMΩ (Pri to Sec)
• Polarity: 1 and 6 are in phase
• Custom design available on request
Common Mode
Test Circuit
Dimension A
Dimension B


Similar Part No. - R3536

ManufacturerPart #DatasheetDescription
logo
Hubbell Incorporated.
R353 HUBBELL-R353 Datasheet
362Kb / 1P
Anchor, Rock 1.75in X 53in 3/4in Rod
logo
MPS Industries, Inc.
R3532 MPSIND-R3532 Datasheet
244Kb / 1P
VIDEO ISOLATION TRANSFORMER
More results

Similar Description - R3536

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL1575 ETC1-LL1575 Datasheet
21Kb / 1P
Video Isolation Transformer LL1575
logo
PCA ELECTRONICS INC.
EPA4017G PCA-EPA4017G Datasheet
37Kb / 1P
Isolation Transformer
EPA4076G PCA-EPA4076G Datasheet
19Kb / 1P
Isolation Transformer
logo
XFMRS Inc.
XFADSL44S XFMRS-XFADSL44S Datasheet
73Kb / 1P
Isolation Transformer
logo
MPS Industries, Inc.
R3532 MPSIND-R3532 Datasheet
244Kb / 1P
VIDEO ISOLATION TRANSFORMER
R3554 MPSIND-R3554 Datasheet
495Kb / 1P
VIDEO ISOLATION TRANSFORMER
logo
XFMRS Inc.
XFADSL35S XFMRS-XFADSL35S_15 Datasheet
80Kb / 1P
ISOLATION TRANSFORMER
XFADSL37S XFMRS-XFADSL37S_15 Datasheet
79Kb / 1P
ISOLATION TRANSFORMER
XFADSL45S XFMRS-XFADSL45S_15 Datasheet
82Kb / 1P
ISOLATION TRANSFORMER
logo
MPS Industries, Inc.
R3557 MPSIND-R3557 Datasheet
213Kb / 1P
VIDEO ISOLATION TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com