Electronic Components Datasheet Search
  English  ▼

X  

UBA2015A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # UBA2015A
Description  600 V fluorescent lamp driver with PFC, linear dimming and boost function
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2015A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button UBA2015A Datasheet HTML 34Page - NXP Semiconductors UBA2015A Datasheet HTML 35Page - NXP Semiconductors UBA2015A Datasheet HTML 36Page - NXP Semiconductors UBA2015A Datasheet HTML 37Page - NXP Semiconductors UBA2015A Datasheet HTML 38Page - NXP Semiconductors UBA2015A Datasheet HTML 39Page - NXP Semiconductors UBA2015A Datasheet HTML 40Page - NXP Semiconductors UBA2015A Datasheet HTML 41Page - NXP Semiconductors UBA2015A Datasheet HTML 42Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
UBA2016A_15_15A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 16 November 2011
39 of 42
NXP Semiconductors
UBA2016A/15/15A
600 V fluorescent lamp driver
13. Revision history
Table 8.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
UBA2016A_15_15A v.3
20111116
Product data sheet
-
UBA2016A_15_15A v.2
UBA2016A_15_15A v.2
20110711
Preliminary data sheet
-
UBA2016A_15_15A v.1
UBA2016A_15_15A v.1
20110520
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com