Electronic Components Datasheet Search
  English  ▼

X  

UBA20271 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UBA20271
Description  350 V and 600 V Power ICs for dimmable compact fluorescent lamps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA20271 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UBA20271 Datasheet HTML 15Page - NXP Semiconductors UBA20271 Datasheet HTML 16Page - NXP Semiconductors UBA20271 Datasheet HTML 17Page - NXP Semiconductors UBA20271 Datasheet HTML 18Page - NXP Semiconductors UBA20271 Datasheet HTML 19Page - NXP Semiconductors UBA20271 Datasheet HTML 20Page - NXP Semiconductors UBA20271 Datasheet HTML 21Page - NXP Semiconductors UBA20271 Datasheet HTML 22Page - NXP Semiconductors UBA20271 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
UBA20271_UBA20272
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 12 October 2011
19 of 33
NXP Semiconductors
UBA20271/2
350 V and 600 V Power ICs for dimmable compact fluorescent lamps
High-voltage supply (DHS, HBO and FS)
Ileak
leakage current
UBA20271; 300 V on
high-voltage pins
-
-
30
A
UBA20272; 500 V on
high-voltage pins
-
-
30
A
Voltage controlled oscillator
Output pin IC
VCI(max)
maximum voltage on
pin CI
2.7
3.0
3.3
V
Vhr(CI)
headroom voltage on
pin CI
Vclamp(CI) = Vhr(CI)) + VCI(max);
burn and boost state
-
80
-
mV
Voltage controlled oscillator
Output pin CF
fbridge(max)
maximum bridge
frequency
CCF = 100 pF; VCI = 0 V
[2] 88
100
112
kHz
fbridge(bst)min
minimum boost bridge
frequency
CCF = 100 pF;
VCI = Vclamp(CI)
[2] 21
22
23
kHz
fbridge(min)
minimum bridge
frequency
CCF = 100 pF;
VCI = Vclamp(CI) ; VCB = 0 V
[2] 38
40
42
kHz
tno
non-overlap time
VHBO rising edge
1.3
1.5
1.7
s
VHBO falling edge
1.3
1.5
1.7
s
Vth(CF)max
maximum threshold
voltage on pin CF
CCF = 100 pF;
VCI = Vclamp(CI) ; VCB = 0 V
2.40
2.50
2.60
V
Io(bst)CF
boost output current
on pin CF
VCF = 1.5 V; VCI = Vclamp(CI)
12.3
11.8
11.3
A
Io(CF)min
minimum output
current on pin CF
VCF = 1.5 V; VCB = 0 V;
VCI = Vclamp(CI)
-22.8
-21.8
-20.8
A
Io(CF)max
maximum output
current on pin CF
VCF = 1.5 V; VCB = 0 V
-67.0
-60.0
-53.0
A
Power transistors
Ron
on-state resistance
UBA20272:
high-side IDHS = 1.1 A;
Tj = 25 C
-
3.0
3.6
on-state resistance
UBA20271:
high-side IDHS = 1.1 A;
Tj = 25 C
-
1.0
1.3
Ron
on-state resistance
UBA20272:
low-side IHBO = 1.1 A;
Tj = 25 C
-
3.0
3.6
on-state resistance
UBA20271:
low-side IHBO = 1.1 A;
Tj = 25 C
-
1.0
1.3
W
Table 5.
Characteristics …continued
VDD = 13 V; VFS - VHBO = 13 V; Tamb = 25 C; settings according to default setting in Table 6, all voltages referenced to GND,
positive currents flow into the IC, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com