Electronic Components Datasheet Search
  English  ▼

X  

UBA2211AP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2211AP
Description  Half-bridge power IC family for CFL lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2211AP Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2211AP Datasheet HTML 1Page - NXP Semiconductors UBA2211AP Datasheet HTML 2Page - NXP Semiconductors UBA2211AP Datasheet HTML 3Page - NXP Semiconductors UBA2211AP Datasheet HTML 4Page - NXP Semiconductors UBA2211AP Datasheet HTML 5Page - NXP Semiconductors UBA2211AP Datasheet HTML 6Page - NXP Semiconductors UBA2211AP Datasheet HTML 7Page - NXP Semiconductors UBA2211AP Datasheet HTML 8Page - NXP Semiconductors UBA2211AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The UBA2211 family of integrated circuits are a range of high voltage monolithic ICs for
driving Compact Fluorescent Lamps (CFL) in half-bridge configurations. The family is
designed to provide easy integration of lamp loads across a range of burner power and
mains voltages.
2.
Features and benefits
2.1 System integration
Integrated half-bridge power transistors
UBA2211A: 220 V mains; 13.5
; 0.9 A maximum ignition current
UBA2211B: 220 V mains; 9
; 1.35 A maximum ignition current
UBA2211C: 220 V mains; 6.6
; 1.85 A maximum ignition current
Integrated bootstrap diode
Integrated high voltage supply
2.2 Burner current
Adjustable current controlled preheat mode enables the preheat time (tph) to be set
RMS current control
2.3 Burner lifetime
Current controlled preheat with adjustable preheat time and preheat current
Minimum glow time control to support cold start
Lamp power independent from mains voltage variations
Lamp inductor saturation protection during ignition
2.4 Safety
Saturation Current Protection (SCP)
OverTemperature Protection (OTP)
Capacitive Mode Protection (CMP)
Overpower control
System shutdown when the burner fails to ignite
UBA2211
Half-bridge power IC family for CFL lamps
Rev. 3 — 26 August 2011
Product data sheet


Similar Part No. - UBA2211AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2211APN1 NXP-UBA2211APN1 Datasheet
175Kb / 19P
Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
More results

Similar Description - UBA2211AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2024 PHILIPS-UBA2024 Datasheet
78Kb / 11P
Half-bridge power IC for CFL lamps
2004 Feb 03
UBA2024 NXP-UBA2024 Datasheet
69Kb / 12P
Half-bridge power IC for CFL lamps
Rev. 03-16 October 2008
UBA2025 NXP-UBA2025 Datasheet
352Kb / 17P
CFL power IC
Rev. 01-16 October 2009
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 NXP-UBA2024_09 Datasheet
90Kb / 14P
Half-bridge power IC for CFL lamps
Rev. 04-17 September 2009
UBA2211 NXP-UBA2211 Datasheet
175Kb / 19P
Half-bridge power IC family for CFL lamps
Rev. 2-3 January 2011
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
UBA2024 PHILIPS-UBA2024_10 Datasheet
448Kb / 17P
Half-bridge power IC for CFL lamps
Rev. 6.2-1 November 2010
logo
Shenzhen Winsemi Microe...
WS21351 WINSEMI-WS21351 Datasheet
363Kb / 7P
Half-bridge power IC for CFL lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com