Electronic Components Datasheet Search
  English  ▼

X  

BCX54 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BCX54
Description  NPN Silicon AF Transistors (For AF driver and output stages High collector current)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX54 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BCX54 Datasheet HTML 1Page - Siemens Semiconductor Group BCX54 Datasheet HTML 2Page - Siemens Semiconductor Group BCX54 Datasheet HTML 3Page - Siemens Semiconductor Group BCX54 Datasheet HTML 4Page - Siemens Semiconductor Group BCX54 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Semiconductor Group
1
04.96
NPN Silicon AF Transistors
BCX 54 … BCX 56
Features
q
For AF driver and output stages
q
High collector current
q
Low collector-emitter saturation voltage
q
Complementary types: BCX 51 … BCX 53 (PNP)
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BCX 54
BCX 54-10
BCX 54-16
BCX 55
BCX 55-10
BCX 55-16
BCX 56
BCX 56-10
BCX 56-16
Q62702-C954
Q62702-C1861
Q62702-C1731
Q62702-C1729
Q62702-C1730
Q62702-C1903
Q62702-C1614
Q62702-C1635
Q62702-C1613
BA
BC
BD
BE
BG
BM
BH
BK
BL
SOT-89
1
2
3
B
C
E
1)
For detailed information see chapter Package Outlines.


Similar Part No. - BCX54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX54 PHILIPS-BCX54 Datasheet
42Kb / 8P
NPN medium power transistors
Rev. 07 - 4 June 2007
logo
Central Semiconductor C...
BCX54 CENTRAL-BCX54 Datasheet
103Kb / 2P
SURFACE MOUNT NPN SILICON TRANSISTOR
logo
Infineon Technologies A...
BCX54 INFINEON-BCX54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Jul-10-2001
logo
Zetex Semiconductors
BCX54 ZETEX-BCX54 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
NXP Semiconductors
BCX54 NXP-BCX54 Datasheet
152Kb / 15P
45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
More results

Similar Description - BCX54

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC846-BC850 SIEMENS-BC846-BC850 Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BCP51-BCP53 SIEMENS-BCP51-BCP53 Datasheet
140Kb / 5P
PNP Silicon AF Transistors (For AF driver and output stages High collector current)
BCP51MBCP53M SIEMENS-BCP51MBCP53M Datasheet
31Kb / 4P
PNP Silicon AF Transistor (For AF driver and output stages High collector current)
BCP54BCP56 SIEMENS-BCP54BCP56 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP54MBCP56M SIEMENS-BCP54MBCP56M Datasheet
31Kb / 4P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
BCP70M SIEMENS-BCP70M Datasheet
29Kb / 4P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current)
BCP72 SIEMENS-BCP72 Datasheet
29Kb / 3P
PNP Silicon AF Power Transistor (For AF driver and output stages High collector current High current gain)
BCW60 SIEMENS-BCW60 Datasheet
282Kb / 9P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
BDP947 SIEMENS-BDP947 Datasheet
40Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
BDP951 SIEMENS-BDP951 Datasheet
41Kb / 4P
NPN Silicon AF Power Transistors (For AF drivers and output stages High collector current High current gain)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com