Electronic Components Datasheet Search
  English  ▼

X  

BCX59IX Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BCX59IX
Description  NPN Silicon AF Transistors (High current gain Low collector-emitter saturation voltage)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BCX59IX Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BCX59IX Datasheet HTML 1Page - Siemens Semiconductor Group BCX59IX Datasheet HTML 2Page - Siemens Semiconductor Group BCX59IX Datasheet HTML 3Page - Siemens Semiconductor Group BCX59IX Datasheet HTML 4Page - Siemens Semiconductor Group BCX59IX Datasheet HTML 5Page - Siemens Semiconductor Group BCX59IX Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
BCX 58
BCX 59
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
V
Collector-emitter breakdown voltage
IC = 2 mA
BCX 58
BCX 59
V(BR)CE0
32
45
–
–
–
–
nA
nA
µA
µA
Collector cutoff current
VCB = 32 V
BCX 58
VCB = 45 V
BCX 59
VCB = 32 V, TA = 150 ˚C
BCX 58
VCB = 45 V, TA = 150 ˚C
BCX 59
ICB0
–
–
–
–
–
–
–
–
20
20
10
10
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
BCX 58
BCX 59
V(BR)CB0
32
45
–
–
–
–
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
7––
–
DC current gain
IC = 10
µA, VCE = 5 V
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
IC = 2 mA, VCE = 5 V
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
IC = 100 mA, VCE = 1 V1)
BCX 58 VII, BCX 59 VII
BCX 58 VIII, BCX 59 VIII
BCX 58 IX, BCX 59 IX
BCX 58 X,
BCX 59 X
hFE
20
20
40
100
120
180
250
380
40
45
60
60
78
145
220
300
170
250
350
500
–
–
–
–
–
–
–
–
220
310
460
630
–
–
–
–
nA
Emitter cutoff current
VEB = 4 V
IEB0
––20
µA
Collector cutoff current
VCE = 32 V, VBE = 0.2 V,TA = 100 ˚C
VCE = 45 V, VBE = 0.2 V,TA = 100 ˚C
ICEX
–
–
–
–
20
20
1)
Pulse test: t
≤ 300 µs, D ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com