Electronic Components Datasheet Search
  English  ▼

X  

CLD-DS45 Datasheet(PDF) 1 Page - Cree, Inc

Part # CLD-DS45
Description  Cree® XLamp® XB-D White LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLD-DS45 Datasheet(HTML) 1 Page - Cree, Inc

  CLD-DS45 Datasheet HTML 1Page - Cree, Inc CLD-DS45 Datasheet HTML 2Page - Cree, Inc CLD-DS45 Datasheet HTML 3Page - Cree, Inc CLD-DS45 Datasheet HTML 4Page - Cree, Inc CLD-DS45 Datasheet HTML 5Page - Cree, Inc CLD-DS45 Datasheet HTML 6Page - Cree, Inc CLD-DS45 Datasheet HTML 7Page - Cree, Inc CLD-DS45 Datasheet HTML 8Page - Cree, Inc CLD-DS45 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product family data sheet
Copyright © 2011-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree
logo and XLamp are registered trademarks of Cree, Inc.
cree
® Xlamp® XB-d White leds
Product descriPtioN
The XLamp XB-D is Cree’s newest
lighting class LeD, bringing the
next generation of performance and
price to LeD lighting applications.
The XLamp XB-D delivers similar
performance to the XP-G LeD in a
package that is 48% smaller than
the XLamp XP footprint.
Using Cree’s newest generation of
silicon carbide-based LeD chips,
XB-D is optimized to dramatically
lower system cost in any illumination
application.
features
• Cree’s smallest lighting class
LeD: 2.45 X 2.45 mm
• Up to 136 lm/W in cool white
(@ 85 °C, 350 mA)
• Available in white, 80-min CRI
white, and 70-min CRI cool
white
• 1 A maximum drive current
• Low thermal resistance:
6.5 °C/W
• Wide viewing angle: 115°
• Reflowsolderable-JEDEC
J-STD-020Ccompatible
• Unlimitedfloorlifeat
≤30°C/85%RH
• electrically neutral thermal path
• RoHS-andREACH-compliant
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
taBle of coNteNts
Flux Characteristics................... 2
Characteristics ......................... 3
Relative Spectral Power
Distribution.............................. 3
RelativeFluxvs.Junction
Temperature (I
F = 350 mA)........ 4
electrical Characteristics............ 4
Thermal Design........................ 5
Relative Flux vs. Current ........... 5
Relative Chromaticity vs.
Temperature and Current........... 6
Typical Spatial Distribution......... 7
ReflowSolderingCharacteristics . 8
Notes...................................... 9
mechanical Dimensions............ 10
Tape and Reel ........................ 11
Packaging.............................. 12


Similar Part No. - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41 Datasheet
901Kb / 11P
Cree® XLamp® XT-E Royal Blue LEDs
CLD-DS41 CREE-CLD-DS41 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
Cree® XLamp® XT-E LEDs
Rev 1A
More results

Similar Description - CLD-DS45

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
XLAMP XB-D WHITE LEDS
Rev 1
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
XB-D CREE-XB-D Datasheet
1Mb / 19P
XLamp XB-D LEDs
Rev 10E
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
XLamp XB-E High-Voltage White LEDs
Rev 2E
XB-H CREE-XB-H Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com