Electronic Components Datasheet Search
  English  ▼

X  

LIS302DL Datasheet(PDF) 28 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ± 2g/± 8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LIS302DL_08 Datasheet HTML 24Page - STMicroelectronics LIS302DL_08 Datasheet HTML 25Page - STMicroelectronics LIS302DL_08 Datasheet HTML 26Page - STMicroelectronics LIS302DL_08 Datasheet HTML 27Page - STMicroelectronics LIS302DL_08 Datasheet HTML 28Page - STMicroelectronics LIS302DL_08 Datasheet HTML 29Page - STMicroelectronics LIS302DL_08 Datasheet HTML 30Page - STMicroelectronics LIS302DL_08 Datasheet HTML 31Page - STMicroelectronics LIS302DL_08 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Register description
LIS302DL
28/42
7.4
CTRL_REG3 [Interrupt CTRL register] (22h)
7.5
HP_FILTER_RESET (23h)
Dummy register. Reading at this address zeroes instantaneously the content of the internal
high pass-filter. If the high pass filter is enabled all three axes are instantaneously set to 0g.
This allows to overcome the settling time of the high pass filter.
Table 22.
High pass filter cut-off frequency configuration
HP_coeff2,1
ft (Hz)
(DR=100 Hz)
ft (Hz)
(DR=400 Hz)
00
2
8
01
1
4
10
0.5
2
11
0.25
1
Table 23.
CTRL_REG3 (22h) register
IHL
PP_OD
I2CFG2
I2CFG1
I2CFG0
I1CFG2
I1CFG1
I1CFG0
Table 24.
CTRL_REG3 (22h) register description
IHL
Interrupt active high, low. Default value 0.
(0: active high; 1: active low)
PP_OD
Push-pull/Open Drain selection on interrupt pad. Default value 0.
(0: push-pull; 1: open drain)
I2CFG2
I2CFG1
I2CFG0
Data Signal on Int2 pad control bits. Default value 000.
(see table below)
I1CFG2
I1CFG1
I1CFG0
Data Signal on Int1 pad control bits. Default value 000.
(see table below)
Table 25.
CTRL_REG3 (22h) truth table
I1(2)_CFG2
I1(2)_CFG1
I1(2)_CFG0
Int1(2) Pad
0
0
0
GND
001
FF_WU_1
010
FF_WU_2
0
1
1
FF_WU_1 or FF_WU_2
100
Data ready
1
1
1
Click interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com