Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA64D4 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATXMEGA64D4
Description  8/16-bit XMEGA D4 Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA64D4 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATXMEGA64D4 Datasheet HTML 35Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 36Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA64D4 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 105 page
background image
39
8135J–AVR–12/10
XMEGA D4
23. ADC - 12-bit Analog to Digital Converter
23.1
Features
• One ADC with 12-bit resolution
• 200 ksps sample rate
• Signed and Unsigned conversions
• 12 single ended inputs
• 8x4 differential inputs
• 3 internal inputs:
–
Integrated Temperature Sensor
–
VCC voltage divided by 10
–
Bandgap voltage
• Software selectable gain of 2, 4, 8, 16, 32 or 64
• Software Selectable accuracy of 8- or 12-bit.
• Internal or External Reference selection
• Event triggered conversion for accurate timing
• Interrupt/Event on compare result
23.2
Overview
XMEGA D4 devices have one Analog to Digital Converter (ADC), see Figure 23-1 on page 40.
The ADC converts analog voltages to digital values. The ADC has 12-bit resolution and is
capable of converting up to 200K samples per second. The input selection is flexible, and both
singleended and differential measurements can be done. For differential measurements an
optional gain stage is available to increase the dynamic range. In addition several internal signal
inputs are available. The ADC can provide both signed and unsigned results.
ADC measurements can either be started by application software or an incoming event from
another peripheral in the device. The latter ensure the ADC measurements can be started with
predictable timing, and without software intervention. The ADC has one channel, meaning there
is one input selection (MUX selection) and one result register available.
Both internal and external analog reference voltages can be used. A very accurate internal
1.00V reference is available.
An integrated temperature sensor is available and the output from this can be measured with the
ADC. A VCC/10 signal and the Bandgap voltage can also be measured by the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com