Electronic Components Datasheet Search
  English  ▼

X  

ATXMEGA32D4 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATXMEGA32D4
Description  8/16-bit XMEGA D4 Microcontroller
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA32D4 Datasheet(HTML) 2 Page - ATMEL Corporation

  ATXMEGA32D4 Datasheet HTML 1Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 2Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 3Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 4Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 5Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 6Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA32D4 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 105 page
background image
2
8135J–AVR–12/10
XMEGA D4
1.
Ordering Information
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information.
2. Pb-free packaging, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also
Halide free and fully Green.
3. For packaging information see ”Packaging information” on page 55.
Ordering Code
Flash
E2
SRAM
Speed (MHz)
Power Supply
Package(1)(2)(3)
Temp
ATxmega128D4- AU
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44A
-40°C - 85°C
ATxmega64D4-AU
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32D4-AU
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16D4-AU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega128D4- MH
128 KB + 8 KB
2 KB
8 KB
32
1.6 - 3.6V
44M1
ATxmega64D4-MH
64 KB + 4 KB
2 KB
4 KB
32
1.6 - 3.6V
ATxmega32D4-MH
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
ATxmega16D4-MH
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
ATxmega32D4-CU
32 KB + 4 KB
1 KB
4 KB
32
1.6 - 3.6V
49C2
ATxmega16D4-CU
16 KB + 4 KB
1 KB
2 KB
32
1.6 - 3.6V
Package Type
44A
44-lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness, 0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
44M1
44-pad, 7 x 7 x 1.0 mm Body, Lead Pitch 0.50 mm, 5.20 mm Exposed Pad, Thermally Enhanced Plastic Very Thin Quad No
Lead Package (VQFN)
49C2
49-ball (7 x 7 Array), 0.65 mm Pitch, 5.0 x 5.0 x 1.0 mm, Very Thin, Fine-Pitch Ball Grid Array Package (VFBGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com