Electronic Components Datasheet Search
  English  ▼

X  

SAM9M10 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # SAM9M10
Description  400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM9M10 Datasheet(HTML) 1 Page - ATMEL Corporation

  SAM9M10 Datasheet HTML 1Page - ATMEL Corporation SAM9M10 Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Benefits
• Rendershigh-qualityuserinterfaceswithvideocontent
and2Dacceleration
• DDR2andLowPowerDDRsupportensuresmarket
availabilityandlowcost
• High-bandwidtharchitectureprovidesdataspeedway
• High-speedconnectivity
• Optimizedforindustrialapplications
• Designedforlowactivepowerandhighperformance
KeyFeatures
• Hardwarevideodecoderwithplaybackofmultiple
formats(H264,H263,MPEG4,MPEG2,VC1,JPEG)
inresolutionsupto800x480pixelsor
720×480pixelsat30fps
• 2Dacceleratorwithscaling,rotation,colorconversionand
picture-in-picture
• DDR2andLPDDRsupport
• 400MHzARM926corewith32kBI&Dcache
• 133MHztwelve-layer32-bitAdvancedHigh-Performance
BusMatrix
• 36DirectMemoryAccess(DMA)channels
• DualExternalBusInterface
• 100Mbps+dataratesonmultiplehigh-speedperipherals,
includinghigh-speedUSB,10/100Ethernet,SDIO/SDCard,
MMC
• EHCI-complianthigh-speedUSBHost
• 3.3VI/Oseliminateneedforexternallevelshifters
• I/OdrivecontrollersimplifiesPCBdesign
• 0.8mmballpitch,BGA324packageforreducedPCB
manufacturingcost
• Integratedpowermanagementreplacesexternalcomponents
• Sub300µW/MHzat400MHzoperationwith8µAin
backupmode
• BackupunitwithRTC,timerandfour32-bitregisters
andfastwake-up
ApplicationAreas
• Homeandcommercialbuildingautomation
• Point-of-sale(POS)terminals
• Entertainmentsystems
• Internetappliances
• Medical
• Video-enabledcontrolpanels
Atmel SAM9M10
400MHzARM926-basedEmbeddedMPUwith
HardwareVideoDecoderforIndustrialApplications


Similar Part No. - SAM9M10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10_14 Datasheet
5Mb / 1385P
Atmel | SMART ARM-based Embedded MPU
More results

Similar Description - SAM9M10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM9G45 ATMEL-SAM9G45 Datasheet
1Mb / 55P
ARM-based Embedded MPU
SAM9G46 ATMEL-SAM9G46 Datasheet
1Mb / 58P
AT91SAM ARM-based Embedded MPU
logo
STMicroelectronics
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
logo
ATMEL Corporation
AT91SAM9G45B-CU ATMEL-AT91SAM9G45B-CU Datasheet
5Mb / 1185P
AT91SAM ARM-based Embedded MPU
logo
STMicroelectronics
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
logo
ATMEL Corporation
SAM9G15 ATMEL-SAM9G15_14 Datasheet
5Mb / 1215P
ARM-based Embedded MPU
SAM9G35 ATMEL-SAM9G35_14 Datasheet
5Mb / 1293P
ARM-based Embedded MPU
SAM9263 ATMEL-SAM9263_14 Datasheet
4Mb / 1024P
AT91SAM ARM-based Embedded MPU
SAMA5D3 ATMEL-SAMA5D3_14 Datasheet
7Mb / 1840P
ARM-based Embedded MPU
logo
STMicroelectronics
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com