Electronic Components Datasheet Search
  English  ▼

X  

DS650DC-3 Datasheet(PDF) 4 Page - Emerson Network Power

Part # DS650DC-3
Description  650 - 850 Watt Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS650DC-3 Datasheet(HTML) 4 Page - Emerson Network Power

  DS650DC-3 Datasheet HTML 1Page - Emerson Network Power DS650DC-3 Datasheet HTML 2Page - Emerson Network Power DS650DC-3 Datasheet HTML 3Page - Emerson Network Power DS650DC-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rev. 03.15.11_63
DS650DC-3 / DS850DC-3
4 of 4
Embedded Power for
Business-Critical Continuity
DCOutputConnectorPinoutAssignment
Pin
SignalName
PB1
+12VRETURN
PB2
+12VRETURN
PB3
+12VRETURN
PB4
+12V
PB5
+12V
PB6
+12V
A1
PS_ON
A2
+12VRMTSENSERETURN
A3
TEMP_OK
A4
PS_SEATED(PowerSupplySeated)
A5
+3V3STAND-BY
A6
+3V3SBRETURN
B1
DCinputOK
B2
+12VRMTSENSE
B3
+12VCURRENTSHARE
B4
PS_INHIBIT/PS_KILL
B5
+3V3STAND-BY
B6
+3V3SBRETURN
C1
SDA(I2CDataSignal)
C2
SCL(I2CClockSignal)*
C3
POWERGOOD
C4
FANFAIL(FanFailSignal)
C5
+3V3STAND-BY
C6
+3V3SBRETURN
D1
A0(I2CAddressBIT0Signal)
D2
A1(I2CAddressBIT1Signal)
D3
S_INT(Alarm)
D4
+3V3STAND-BYRMTSENSE
D5
+3V3STAND-BY
D6
+3V3SBRETURN
P1-PowerSupplySide
1.FCIPowerBlade51721series
51721-10002406AA
2.MolexPowerConnector
SD-87667series
87667-7002
MatingConnector(Systemside)
1.FCIPowerBlade
51741-10002406CC
Strait Pins
2.FCIPowerBlade
51761-10002406AA
RightAngle
D1 D2 D3 D4 D5 D6
PB1 PB2 PB3 PB4 PB5 PB6
C1
C2
C3
C4
C5
C6
B1
B2
B3
B4
B5
B6
A1
A2
A3
A4
A5
A6
Maleconnectorasviewedfromtherearofthesupply:
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2011EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DC Power
*SupportsI2Cstandardmode(100kHz)only



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com