Electronic Components Datasheet Search
  English  ▼

X  

BF1012 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF1012
Description  Silicon N-Channel MOSFET Tetrode (For low noise, high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF1012 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF1012 Datasheet HTML 1Page - Siemens Semiconductor Group BF1012 Datasheet HTML 2Page - Siemens Semiconductor Group BF1012 Datasheet HTML 3Page - Siemens Semiconductor Group BF1012 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF 1012
Semiconductor Group
2
Sep-09-1998
Electrical Characteristics at
TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC characteristics
Drain-source breakdown voltage
ID = 300 µA, -VG1S = 4 V, - VG2S = 4 V
V
-
V(BR)DS
-
16
Gate 1 source breakdown voltage
±
IG1S = 10 mA, VG2S = VDS = 0
-
12
±
V(BR)G1SS
8
Gate 2 source breakdown voltage
±
IG2S = 10 mA, VG1S = 0 V, VDS = 0 V
-
16
10
±
V(BR)G2SS
Gate 1 source current
VG1S = 6 V, VG2S = 0 V
-
-
µA
60
+
IG1SS
Gate 2 source leakage current
±
VG2S = 8 V, VG1S = 0 V, VDS = 0 V
±
IG2SS
-
-
nA
50
IDSS
-
500
µA
-
Drain current
VDS = 12 V, VG1S = 0 , VG2S = 6 V
IDSO
8
10
Operating current (selfbiased)
VDS = 12 V, VG2S = 6 V
mA
-
VG2S(p)
-
0.9
-
V
Gate 2-source pinch-off voltage
VDS = 12 V, ID = 100 µA
AC characteristics
Forward transconductance (self biased)
VDS = 12 V, VG2S = 6 V, f = 1 kHz
gfs
-
24
-
mS
Gate 1-input capacitance (self biased)
VDS = 12 V, VG2S = 6 V, f = 1 MHz
Cg1ss
-
2.1
2.5
pF
Output capacitance (self biased)
VDS = 12 V, VG2S = 6 , f = 1 MHz
Cdss
-
0.9
-
Power gain (self biased)
VDS = 12 V, VG2S = 6 , f = 800 MHz
Gps
-
22
-
dB
Noise figure (self biased)
VDS = 12 V, VG2S = 6 V, f = 800 MHz
F800
-
1.4
-
Gain control range (self biased)
VDS = 12 V, VG2S = 6 V, f = 800 MHz
∆G
ps
40
50
-
Semiconductor Group
2
1998-11-01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com