| Electronic Components Datasheet Search |
|
EPC137-QFN16 Datasheet(PDF) 1 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC137-QFN16 Datasheet(HTML) 1 Page - Espros Photonics corp |
|
1 / 11 page ![]() He epc134/epc135/epc136/epc137/epc138/epc139 Photo-receiver Amplifier General Description The epc13x family products are monolithic, integrated high sensi- tive photo-diode amplifiers for light-barrier, light-curtain, and the like applications. It amplifies current pulses from reverse-biased PIN photodiodes (e.g. BP104 by OSRAM) and discriminates the amplified input light pulse before driving the open-drain output stage. The device is controlled by an internal digital controller, which uses no external clock signal. The power supply of the device can be connected in anti-polar mode to decrease the wiring effort in matrix operated light-curtain products. The device has been optimized to utilize the least count of external components. This device allows the design of short to long range light barriers from a few millimeters up to tens of meters. epc130/epc131 are the same devices but with an analog output. Please refer to the corresponding data sheet epc130/epc131. Features Low current consumption Digital output Reverse polarity protection Two-wire and open drain output interface High sensitivity (epc135/138) Fast versions available (epc136/139) Light reserve output (epc135/136) High sensitivity and light reserve output (epc134) CSP6 package with very small footprint and standard QFN16 pack - age available Applications Light barriers ranging from millimeters to tens of meters Light curtains Smoke detectors Liquid detectors Heart beat monitors Device selection table Model Output digital analog w/o fast high epc130 x x x epc131 x x x epc134 x x x x epc135 x x x x epc136 x x x x epc137 x x x x epc138 x x x x epc139 x x x x Light Reserve Output Response Time Sensitivity with slow low medium very high Functional Block Diagram SIGNAL PROCESSOR OUT AMP PD CN CONTROLLER VSS © 2011 ESPROS Photonics Corporation Characteristics subject to change without notice 1 Datasheet epc13x digital - V2.1 www.espros.ch |
Similar Part No. - EPC137-QFN16 |
|
Similar Description - EPC137-QFN16 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |