Electronic Components Datasheet Search
  English  ▼

X  

TPS62080 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62080
Description  1.2A High Efficient Step Down Converter in 2x2mm SON Package
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62080 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62080 Datasheet HTML 1Page - Texas Instruments TPS62080 Datasheet HTML 2Page - Texas Instruments TPS62080 Datasheet HTML 3Page - Texas Instruments TPS62080 Datasheet HTML 4Page - Texas Instruments TPS62080 Datasheet HTML 5Page - Texas Instruments TPS62080 Datasheet HTML 6Page - Texas Instruments TPS62080 Datasheet HTML 7Page - Texas Instruments TPS62080 Datasheet HTML 8Page - Texas Instruments TPS62080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TPS62080
TPS62081
TPS62082
SLVSAE8
– SEPTEMBER 2011
www.ti.com
Table 1. ORDERING INFORMATION
TA
OUTPUT VOLTAGE(1)
PACKAGE MARKING
PACKAGE
PART NUMBER(2)
Adjustable
QVR
TPS62080DSG
–40°C to 85°C
1.8 V
QVS
8-Pin QFN
TPS62081DSG
3.3 V
QVT
TPS62082DSG
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
For detailed ordering information please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Voltage range at VIN, PG, VOS(2)
–0.3 to 7
V
Voltage range at SW(2)(3)
–1 to 7
V
Voltage range at FB(2)
–0.3 to 3.6
V
Voltage range at EN, MODE(2)
–0.3 to (VIN + 0.3V)
V
ESD rating, Human Body Model
2
kV
ESD rating, Charged Device Model
500
V
Continuous total power dissipation
See Dissipation Rating Table
Operating junction temperature range, TJ
–40 to 125
°C
Operating ambient temperature range, TA
–40 to 85
°C
Storage temperature range, Tstg
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
During operation, device switching
THERMAL INFORMATION
TPS62080
THERMAL METRIC(1)
UNITS
DSG (8 PINS)
θJA
Junction-to-ambient thermal resistance
65.1
θJCtop
Junction-to-case (top) thermal resistance
100.7
θJB
Junction-to-board thermal resistance
135.7
°C/W
ψJT
Junction-to-top characterization parameter
2.3
ψJB
Junction-to-board characterization parameter
45.1
θJCbot
Junction-to-case (bottom) thermal resistance
8.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage range, VIN
2.3
6.0
V
VOUT
Output voltage range
0.5
4.0
V
ISNOOZE Maximum load current in Snooze Mode
2
mA
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Refer to the APPLICATION INFORMATION section for further information.
2
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPS62080 TPS62081 TPS62082



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com