Electronic Components Datasheet Search
  English  ▼

X  

BF554 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BF554
Description  NPN Silicon RF Transistor (For general small-signal RF applications up to 300 MHz in amplifier, mixer and oscillator circuits)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF554 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BF554 Datasheet HTML 1Page - Siemens Semiconductor Group BF554 Datasheet HTML 2Page - Siemens Semiconductor Group BF554 Datasheet HTML 3Page - Siemens Semiconductor Group BF554 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BF 554
Semiconductor Group
3
Total power dissipation Ptot = f (TA)
Collector current IC = f (VBE)
VCE = 10 V
DC current gain hFE = f (IC)
VCE = 10 V
Collector-emitter saturation voltage
VCEsat = f (IC)
hFE = 10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com