Electronic Components Datasheet Search
  English  ▼

X  

EC12 Datasheet(PDF) 1 Page - Schurter Inc.

Part # EC12
Description  EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

EC12 Datasheet(HTML) 1 Page - Schurter Inc.

  EC12 Datasheet HTML 1Page - Schurter Inc. EC12 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
605.2043
www.schurter.com/pg07_2
Connectors
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
C19
70° C
Description
-PowerCord,ProtectionclassI,Pintemperature70°C,
-withV-Lockinterlockingsystem
References
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
MatingConnectors,e-Store,SCHURTER-Stock-Check,Distributor-
Stock-Check,Accessories
Technical Data
RatingsIEC
16A/250VAC;50/60Hz
DielectricStrength
>2kVDCbetweenL-N
>2kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
moulded
Material:Housing
PVC,black
Connector
C19acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,10A,
ProtectionClass1
Variants
Connector
cable
inlets
Order Number
Type
V-Lock
Cord Type
Color
Length [m]
Type
Country Standard
Conductor cross
section
Style
Index
C19
l
H05VV-
F3G1.5
black
2.0
Europlug
EU
CEE 7 / VII
3 x 1.5 mm²
Straight
-
6051.2043
Packaging unit
40Pcs
Mating Inlets/Plugs
Category / Description
Appliance InletOverview complete
IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621
IEC Appliance Inlet C20, Snap-in Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1624
IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4798
Appliance Inletfurther types toVAC19KS
Power Entry ModuleOverview complete
IEC Appliance Inlet C20 with Circuit Breaker TA35 1-pole
6136
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole
EC11
IEC Appliance Inlet C20 with Circuit Breaker TA45
EF11
Power Entry Modulefurther types toVAC19KS


Similar Part No. - EC12

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
EC12 ALPS-EC12 Datasheet
268Kb / 4P
12mm Size Insulated Shaft Type
logo
Schurter Inc.
EC12 SCHURTER-EC12 Datasheet
615Kb / 4P
IEC Appliance Inlet C14 with Filter, Line Switch 2-pole
EC12 SCHURTER-EC12 Datasheet
346Kb / 2P
US Power Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
364Kb / 2P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
EC12 SCHURTER-EC12 Datasheet
344Kb / 2P
UK Power Cord with IEC Appliance Connector C19, V-Lock, straight
More results

Similar Description - EC12

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2051 SCHURTER-2051 Datasheet
370Kb / 2P
JP Power Cord with IEC Appliance Connector C19, V-Lock, straight
2052 SCHURTER-2052 Datasheet
392Kb / 2P
CN Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2043 SCHURTER-6051.2043 Datasheet
425Kb / 2P
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2043 SCHURTER-6051.2043_18 Datasheet
238Kb / 2P
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2047 SCHURTER-6051.2047 Datasheet
287Kb / 3P
IEC Interconnection Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2103 SCHURTER-6051.2103 Datasheet
304Kb / 3P
EU Power Cord with IEC Appliance Connector C19, V-Lock
6051.2109 SCHURTER-6051.2109 Datasheet
307Kb / 3P
EU Power Cord with IEC Appliance Connector C19, V-Lock
6051.2123 SCHURTER-6051.2123 Datasheet
282Kb / 3P
EU Power Cord with IEC Appliance Connector C19, V-Lock, straight
6051.2103 SCHURTER-6051.2103_V01 Datasheet
413Kb / 3P
EU Power Cord with IEC Appliance Connector C19, V-Lock
6051.2109 SCHURTER-6051.2109_V01 Datasheet
301Kb / 3P
EU Power Cord with IEC Appliance Connector C19, V-Lock
16.09.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com