Electronic Components Datasheet Search
  English  ▼

X  

BF721 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BF721
Description  PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF721 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BF721 Datasheet HTML 1Page - Siemens Semiconductor Group BF721 Datasheet HTML 2Page - Siemens Semiconductor Group BF721 Datasheet HTML 3Page - Siemens Semiconductor Group BF721 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
PNP Silicon High-Voltage Transistors
BF 721
BF 723
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
BF 721
BF 723
Q62702-F1239
Q62702-F1309
BF 721
BF 723
SOT-223
1
2
3
4
B
C
E
C
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
VCER
V
Peak collector current
ICM
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS
≤ 110 ˚C2)
Ptot
W
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
≤ 87
K/W
50
100
1.5
150
– 65 … + 150
Emitter-base voltage
VEB0
–
300
250
–
300
250
BF 721
BF 723
55
Junction - soldering point
Rth JS
≤ 27
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
q
Suitable for video output stages in TV sets and
switching power supplies
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Low capacitance
q
Complementary types: BF 720/722 (NPN)
07.94


Similar Part No. - BF721

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF721 ZETEX-BF721 Datasheet
36Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
PNP SILICON TRANSISTOR SURFACE MOUNT
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
BF721T1G ONSEMI-BF721T1G Datasheet
133Kb / 4P
PNP Silicon Transistor
September, 2010 -- Rev. 9
More results

Similar Description - BF721

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF720 SIEMENS-BF720 Datasheet
135Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN16 SIEMENS-BFN16 Datasheet
138Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN17 SIEMENS-BFN17 Datasheet
138Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN21 SIEMENS-BFN21 Datasheet
128Kb / 4P
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN23 SIEMENS-BFN23 Datasheet
127Kb / 4P
PNP Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN24 SIEMENS-BFN24 Datasheet
137Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN25 SIEMENS-BFN25 Datasheet
140Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN36 SIEMENS-BFN36 Datasheet
127Kb / 4P
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
BFN37 SIEMENS-BFN37 Datasheet
127Kb / 4P
PNP Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
logo
Infineon Technologies A...
SMBTA92 INFINEON-SMBTA92_07 Datasheet
71Kb / 6P
PNP Silicon High-Voltage Transistors Suitable for video output stages in TV sets and switching power supplies
2007-04-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com