Electronic Components Datasheet Search
  English  ▼

X  

HS2KA Datasheet(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

Part # HS2KA
Description  High Efficient Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

HS2KA Datasheet(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  HS2KA Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd HS2KA Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd.
Document Number 0145
Rev. 1.0, 22-Sep-11
www.21yangjie.com
HS2AA THRU HS2MA
■特性曲线(典型) Characteristics(Typical)
VR
D
RL
IF
0
IF
IR
IRR
t
trr
I
图
5: 反向恢复时间试验电路及测试波形示意图
FIG.5: Diagram of circuit and Testing wave form of reverse recovery time
周波数
Number of Cycles
图
2:最大正向浪涌冲击耐受力
FIG.2: MAXIMUM NON-REPETITIVE FORWARD URGE CURRENT
8.3毫秒正弦半波
8.3ms Single Half Sine Wave
JEDEC Method
110
100
0
10
20
30
40
50
图4:典型反向特性曲线
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Voltage(%)
Tj=25℃
Tj=100℃
0
20
40
60
80
100
0.1
1.0
10
100
1000
图
3: 典型正向特性曲线
FIG.3: TYPICAL FORWARD CHARACTERISTICS
0.001
VF(V)
0.4
TJ=25℃
Pulse width=300us
1% Duty Cycle
0.01
1.0
10
0.6
0.8
1.0
1.2
1.4
HS2A-D
HS2G
HS2J-M
0.2
0.1
0
50
图
1:正向电流降额曲线
FIG.1: FORWARD CURRENT DERATING CURVE
60Hz 电阻和电感负载电路
安装在
0.3"×0.3"(8.0毫米×8.0毫米)铜垫区
60Hz Resistive or Inductive Load
P.C.B. Mounted on 0.3"×0.3"(8.0mm×8.0mm)
Copper Pad Areas
TL(℃)
0
70
90
110
130
150
0.50
1.00
1.50
2.00
2.50
3.00
3.50



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com