Electronic Components Datasheet Search
  English  ▼

X  

2SD1797 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 2SD1797
Description  TRIPLE DIFFUSED PLANRT TYPE HIGH POWER DARLINGTON
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

2SD1797 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  2SD1797 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2SD1797

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SD1790 SHINDENGEN-2SD1790 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
logo
Inchange Semiconductor ...
2SD1790 ISC-2SD1790 Datasheet
273Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Shindengen Electric Mfg...
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
logo
Inchange Semiconductor ...
2SD1791 ISC-2SD1791 Datasheet
242Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Shindengen Electric Mfg...
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
More results

Similar Description - 2SD1797

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ET375 FUJI-ET375 Datasheet
106Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON
ET190 FUJI-ET190 Datasheet
109Kb / 3P
TRIPLE DIFFUSED PLANER TYPE POWER DARLINGTON HIGH VOLTAGE, SWITCHING
logo
List of Unclassifed Man...
2SD1072 ETC-2SD1072 Datasheet
135Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON
2SD1726 ETC-2SD1726 Datasheet
127Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON
2SD1740 ETC-2SD1740 Datasheet
120Kb / 3P
TRIPLE DIFFUSED PLANAR TYPE HIGH POWER DARLINGTON
2SD834 ETC-2SD834 Datasheet
125Kb / 3P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON SWITCHING
logo
Toshiba Semiconductor
2SB1020A TOSHIBA-2SB1020A_06 Datasheet
152Kb / 5P
Silicon PNP Triple Diffused Type (Darlington Power)
logo
New Jersey Semi-Conduct...
2SC3030 NJSEMI-2SC3030 Datasheet
137Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON
2SD796 NJSEMI-2SD796 Datasheet
198Kb / 2P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON HIGH VOLTAGE, SWITCHING
2SD834 NJSEMI-2SD834 Datasheet
146Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON SWITCHING
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com