Electronic Components Datasheet Search
  English  ▼

X  

8F36 Datasheet(PDF) 6 Page - 3M Electronics

Part # 8F36
Description  3MTM High Routability Internal MiniSAS Cable Assembly, Series 8F36
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8F36 Datasheet(HTML) 6 Page - 3M Electronics

  8F36 Datasheet HTML 1Page - 3M Electronics 8F36 Datasheet HTML 2Page - 3M Electronics 8F36 Datasheet HTML 3Page - 3M Electronics 8F36 Datasheet HTML 4Page - 3M Electronics 8F36 Datasheet HTML 5Page - 3M Electronics 8F36 Datasheet HTML 6Page - 3M Electronics 8F36 Datasheet HTML 7Page - 3M Electronics 8F36 Datasheet HTML 8Page - 3M Electronics 8F36 Datasheet HTML 9Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PS-0082 Rev. 01
Page 6 of 9
Document No.
: PS-0082
Revision
: 01
Revised Date
: 04-Aug-2010
Issued Date
: 04-Aug-2010
Electronic Solutions Division
6801 River Place Blvd
Austin, TX 78726
http://www.3Mconnector.com
3M
TM High Routability Internal MiniSAS Cable Assembly, Series 8F36
SIGNAL INTEGRITY
Impedance, mated cable
assembly
Risetime of 70 ps (20/80%)
100 +/- 10 ohms
Differential insertion loss,
SDD21
1 meter assembly measured over
frequency range 50 MHz to 4.5
GHz
Meets SAS2 limit line:
-6dB up to 4.5 GHz
Differential reflection loss,
SDD22
Half and one meter assemblies
measured from 50 MHz to 6 GHz
Meets SAS2 limit line:
< -10 dB up to 2.075 GHz
< -7.9+13.3 x log( f / 3
GHz) between 2.075 and 6
GHz
Differential-to-common mode
conversion, SCD21
Half and one meter assemblies
measured from 50 MHz to 6 GHz
Meets SAS2.1 limit line:
< -18 dB up to 6 GHz
Differential to common mode
reflection, SCD22
Half and one meter assemblies
measured from 50 MHz to 6 GHz
Meets SAS2 limit line:
< -26 dB up to 300 MHz
< -12.7+13.3 x log( f / 3
GHz) between 300 MHz
and 6 GHz
< -10 dB between 4.8 and 6
GHz
Near End Crosstalk
Half and one meter assemblies
measured from 50 MHz to 6 GHz .
Total NEXT calculated as
described in table 52 of SAS2
standard (rev 16)
Meets SAS2 limit line:
< -26 dB up to 6 GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com