Electronic Components Datasheet Search
  English  ▼

X  

2500 Datasheet(PDF) 3 Page - 3M Electronics

Part # 2500
Description  3M™ Four-Wall Header
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

2500 Datasheet(HTML) 3 Page - 3M Electronics

  2500 Datasheet HTML 1Page - 3M Electronics 2500 Datasheet HTML 2Page - 3M Electronics 2500 Datasheet HTML 3Page - 3M Electronics 2500 Datasheet HTML 4Page - 3M Electronics 2500 Datasheet HTML 5Page - 3M Electronics 2500 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Four-Wall Header
2500 Series
TS-0770-K
Sheet 3 of 5
Inch
(mm)
± .005
± .1 ± .01
Tolerance Unless Noted
.0
.00
.000
Inch
[ ] Dimensions for
Reference only
Notes:
1. Notches A & C will accomodate 3M Polarizing Keys (3M Part #3518 or N3518).
2. Contacts tails .0245 [0.622] wire with .0075 [0.191] corner radii & .028 [.071] diagonal.
3. See page 4 for kink tail positions.
Ordering Information
X25XX - 50XX - XX
Prefix:
N = High Temp. Black (PCT)
(RB, UB, or UG Pltg. Req’d)
Blank = Std. Temp. Gray (PBT)(UB or UG Pltg. Req’d)
Pin Quantity:
(See Table 1)
Solder Tail
02 = for .062 [1.57] thick board (Standard)
03 = for .094 to .125 [2.39 to 3.18] thick board
K2 = for .062 [1.57] thick board
Plating:
RB = 30µ” [0.76µm] Gold with 200µ” [5.08µm]
Matte Tin Solder Tails (RIA E1 & C1 apply)
UG = 15µ” [0.38µm] Gold with 200µ” [5.08µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
UB = 30µ” [0.76µm] Gold with 200µ” [5.05µm] 60:40
Tin-Lead Solder Tails (RIA E3 & C2 apply)
Table 1
Pin Qty
Dimensions
Polarizing
Notches
A
B
8
0.688 (17.48) 0.608 (15.44)
B
10
0.788 (20.02) 0.708 (17.98)
BC
14
0.988 (25.10) 0.908 (23.06)
BCDE
16
1.088 (27.64) 1.008 (25.60)
ABCDE
20
1.288 (32.72) 1.208 (30.68)
ABCDE
24
1.488 (37.80) 1.408 (35.76)
ABCDE
26
1.588 (40.34) 1.508 (38.30)
ABCDE
30
1.788 (45.42) 1.708 (43.38)
ABCDE
34
1.988 (50.50) 1.908 (48.46)
ABCDE
40
2.288 (58.12) 2.208 (56.08)
ABCDE
50
2.788 (70.82) 2.708 (68.78)
ABCDE
60
3.288 (83.52) 3.208 (81.48)
ABCDE
64
3.488 (88.60) 3.408 (86.56)
ABCDE
C
.100”x.100”LowProfile,RightAngleThrough-Hole



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com