Electronic Components Datasheet Search
  English  ▼

X  

HF625 Datasheet(PDF) 1 Page - 3M Electronics

Part # HF625
Description  3M™ Round Conductor Flat Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

HF625 Datasheet(HTML) 1 Page - 3M Electronics

  HF625 Datasheet HTML 1Page - 3M Electronics HF625 Datasheet HTML 2Page - 3M Electronics HF625 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Round Conductor Flat Cable
1 mm 28 AWG Stranded, Halogen Free PO
HF625 Series
• Low Smoke Zero Halogen (LSZH). Insulation Advantages of
LSZH insulation are the low smoke (IEC 61034-2:2005), and low
toxicity of combustion gases (NF X 70-100-2:2006), reducing the
risk to firefighters, and reducing the soot and corrosion damage to
nearby equipment
• Broad operating temperature range from -40°C to 105°C
• 28 AWG stranded conductors on 1mm pitch permits mass
terminations to a broad line of metric IDC connectors
• Zippable for branching or discrete terminations
• See the Regulatory Information Appendix (RIA) in the “RoHS
compliance” section of www.3Mconnector.com for compliance
information (RIA E1 & C1 apply)
Date Modified: December 3, 2010
TS-2338-B
Sheet 1 of 2
Physical
Insulation:
Material: Halogen Free Polyolefin (PO)
Color: Dark Gray
Marking:
Standard: None
Conductors: 28AWG, 7 × 36AWG [ 7 × Ø 0.127 ] Tinned Stranded Copper
Electrical
Voltage Rating: USA: 300V
Canada: 150V
EU: <50V
Insulation Resistance: > 1 × 1010 Ω/3 m [ 10 ft ]
Characteristic Impedance: Unbalanced
Balanced
85 Ω
144 Ω
Capacitance: 60.5 pF/m [ 18.44 pF/ft ]
33.8 pF/m [ 10.29 pF/ft ]
Inductance: 0.43 μH/m [ 0.13 μH/ft ]
0.69 μH/m [ 0.21 μH/ft ]
Propagation Delay: 5.15 ns/m [ 1.57 ns/ft ]
4.86 ns/m [ 1.48 ns/ft ]
Velocity of Propagation: 65%
69%
Note: Unbalanced is measured between ground-signal-ground conductors.Balanced is measured between conductors within a pair.
Environmental
Temperature Rating: -40°C to +105°C
Flammability Rating: UL: Horizontal
UL File No.: E42769, Style No.: 21682
Halogen Free is defined as both 1) no halogen compounds that are intentionally added to the product or
used in the manufacturing process for the product and 2) any impurities present are less than 900 ppm
bromine, less than 900 ppm chlorine and/or less than 1500ppm total bromine and chlorine. The latter
are the levels set forth in certain industry standards for printed circuit boards, such as the International
Electrotechnical Commission (IEC) 61249-2-21 standard. This information represents 3M's knowledge
and belief which may be based in whole or in part on information provided by 3rd party suppliers to 3M.


Similar Part No. - HF625

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF62F HONGFA-HF62F Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF62F HONGFA-HF62F Datasheet
62Kb / 3P
MINIATURE HIGH POWER RELAY
HF62F/005-1HDFXXX HONGFA-HF62F/005-1HDFXXX Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF62F/005-1HDXXX HONGFA-HF62F/005-1HDXXX Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
HF62F/005-1HFXXX HONGFA-HF62F/005-1HFXXX Datasheet
66Kb / 3P
MINIATURE HIGH POWER RELAY
More results

Similar Description - HF625

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3365 3M-3365 Datasheet
1Mb / 5P
3M Round Conductor Flat Cable .050 28 AWG Stranded, PVC
07-May-2009
79100-075-4F1 3M-79100-075-4F1 Datasheet
821Kb / 3P
3M™ Round Conductor Flat Cable for Link Connector
22-Jul-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
3M™ Round Conductor Flat Cable
01-Nov-2013
3609 3M-3609_V01 Datasheet
848Kb / 3P
3M??Round Conductor Flat Cable .025 30 AWG Stranded, FEP
October 31, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com