Electronic Components Datasheet Search
  English  ▼

X  

RS-485 Datasheet(PDF) 1 Page - Exar Corporation

Part # RS-485
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

RS-485 Datasheet(HTML) 1 Page - Exar Corporation

  RS-485 Datasheet HTML 1Page - Exar Corporation RS-485 Datasheet HTML 2Page - Exar Corporation RS-485 Datasheet HTML 3Page - Exar Corporation RS-485 Datasheet HTML 4Page - Exar Corporation RS-485 Datasheet HTML 5Page - Exar Corporation RS-485 Datasheet HTML 6Page - Exar Corporation RS-485 Datasheet HTML 7Page - Exar Corporation RS-485 Datasheet HTML 8Page - Exar Corporation RS-485 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
SP339E
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
OCT 2011
REV. 1.0.0
GENERAL DESCRIPTION
The SP339 is an advanced multiprotocol transceiver
supporting RS-232, RS-485, and RS-422 serial
standards in a 40 pin QFN package. Integrated cable
termination and four configuration modes allow all
three protocols to be used interchangeably over a
single cable or connector with no additional switching
components. Full operation requires only four
external charge pump capacitors.
The RS-485/422 modes feature one driver and one
receiver (1TX/1RX) in both half and full duplex
configurations.
The
RS-232
mode
(3TX/5RX)
provides full support of all eight signals commonly
used with the DB9 RS-232 connector. A dedicated
diagnostic loopback mode is also provided.
The high speed drivers operate up to 20Mbps in RS-
485/422 modes, and up to 1Mbps in RS-232 mode.
All drivers can be slew limited to 250kbps in any
mode to minimize electromagnetic interference (EMI).
All transmitter outputs and receiver inputs feature
robust electrostatic discharge (ESD) protection to
±15kV Human Body Model (HBM) and ±8kV IEC-
61000-4-2 Contact. Each receiver output has full fail-
safe protection to avoid system lockup, oscillation, or
indeterminate states by defaulting to logic-high output
level when the inputs are open, shorted, or
terminated but undriven. No external biasing resistors
are required.
The RS-232 receiver inputs include a 5k
Ω pull-down
to ground. The RS-485/422 receiver inputs are high
impedance (>96k
Ω when termination is disabled),
allowing
up
to
256
devices
on
a
single
communication bus (1/8th unit load).
The SP339E operates from a single power supply,
either 3.3V or 5V, with low idle current (2mA typical in
all modes). The shutdown mode consumes less than
10µA for low power standby operation.
FEATURES
• Pin selectable Cable Termination
• No external resistors required for RS-485/422
termination and biasing
• 3.3V or 5V Single Supply Operation
• Robust ESD Protection on bus pins
■
±15kV Human Body Model (HBM)
■
±8kV IEC 61000-4-2 (Contact)
• Max Data Rate of 20Mbps in RS-485/422 Modes
and up to 1Mbps in RS-232 Modes
• Pin selectable 250kbps Slew Limiting
• 3 Drivers, 5 Receivers RS-232/V.28
• 1 Driver, 1 Receiver RS-485/422
■
Full and Half Duplex Configuration
■
1/8th Unit Load, up to 256 receivers on bus
• RS-485/422 Enhanced Failsafe for open, shorted,
or terminated but idle inputs
• Space saving 6mm x 6mm QFN-40 Package
• Pin compatible with SP338E
TYPICAL APPLICATIONS
• Dual Protocol Serial Ports (RS-232 or RS-485/422)
• Industrial Computers
• Industrial and Process Control Equipment
• Point-Of-Sale Equipment
• Networking Equipment
• HVAC Controls Equipment
• Building Security and Automation Equipment
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
DEVICE STATUS
SP339EER1-L
40-pin QFN
-40°C to +85°C
Active
SP339EER1-L/TR
40-pin QFN
-40°C to +85°C
Active
SP339ECR1-L
40-pin QFN
0°C to +70°C
Active
SP339ECR1-L/TR
40-pin QFN
0°C to +70°C
Active


Similar Part No. - RS-485

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
RS-485 GRAYHILL-RS-485 Datasheet
870Kb / 1P
COMMUNICATION CONVERTERS
logo
List of Unclassifed Man...
RS-485 ETC2-RS-485 Datasheet
169Kb / 2P
Battery Powered Converter CE
logo
Exar Corporation
RS-485 EXAR-RS-485 Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
MORNSUN Science& Techno...
RS-485 MORNSUN-RS-485 Datasheet
564Kb / 4P
RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
logo
Exar Corporation
RS-485 EXAR-RS-485 Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - RS-485

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com