Electronic Components Datasheet Search
  English  ▼

X  

BF840 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BF840
Description  NPN Silicon RF Transistors (Suitable for common emitter RF, IF amplifiers Low collector-base capacitance due to contact shield diffusion)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BF840 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BF840 Datasheet HTML 1Page - Siemens Semiconductor Group BF840 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Semiconductor Group
2
BF 840
BF 841
BF 840
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC Characteristics
AC Characteristics
V
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR) CE0
40
–
–
nA
Collector-base cutoff current
VCB = 20 V, IE = 0
ICB0
–
–
100
–
DC current gain, IC = 1 mA, VCE = 10 V
BF 840
BF 841
hFE
65
35
–
–
220
125
Emitter-base breakdown voltage
IE = 10
µA, IB = 0
V(BR) EB0
4––
V
Base-emitter voltage
IC = 1 mA, VCE = 10 V
VBE
–
0.7
–
µS
Output conductance
IC = 1 mA, VCE = 10 V, f = 0.5 MHz
g22e
–4–
dB
Noise figure
IC = 1 mA, VCE = 10 V, f = 100 kHz
RS = 200
Ω
F
–
1.7
–
MHz
Transition frequency
IC = 1 mA, VCE = 10 V, f = 100 MHz
fT
–
380
–
pF
Collector-base capacitance
VCB = 10 V, VBE = vbe = 0, f = 1 MHz
Ccb
–
0.3
–



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com