Electronic Components Datasheet Search
  English  ▼

X  

ZMM5259B Datasheet(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

Part # ZMM5259B
Description  Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YANGJIE [Yangzhou yangjie electronic co., ltd]
Direct Link  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

ZMM5259B Datasheet(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  ZMM5259B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd ZMM5259B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd ZMM5259B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd ZMM5259B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
扬州扬杰电子科技股份有限公司
Yangzhou Yangjie Electronic Technology Co., Ltd. 
www.21yangjie.com
Document Number 0246
Rev. 1.0, 22-Sep-11
ZMM52 SERIES
■电性参数 (TA=25℃ 除非另有规定)
Electrical Characteristics (TA=25℃ unless otherwise noted)
ZMM5221B...ZMM5267B
齐纳电压范围
Zener voltage
range
1)
动态阻抗
Dynamic resistance
测试电流
Test current
反向漏电流
Reverse leakage
current
温度系数
Temperature Coefficient
VZ
rZjT at IZT
rZjK at IZK
IZT
IZK
IR at VR
TKVZ
V
Ω
Ω
mA
mA
μA
V
%K
产品型号
Part Number
Typ.
Typ.
Typ.
ZMM5261B
47
105
< 1000
2.7
0.25
< 0.1
36
< + 0.095
ZMM5262B
51
125
< 1100
2.5
0.25
< 0.1
39
< + 0.096
ZMM5263B
56
150
< 1300
2.2
0.25
< 0.1
43
< + 0.096
ZMM5264B
60
170
< 1400
2.1
0.25
< 0.1
46
< + 0.097
ZMM5265B
62
185
< 1400
2
0.25
< 0.1
47
< + 0.097
ZMM5266B
68
230
< 1600
1.8
0.25
< 0.1
52
< + 0.097
ZMM5267B
75
270
< 1700
1.7
0.25
< 0.1
56
< + 0.098
备注:Notes:
1) 基于直流测试下的热平衡;温度保持在 30℃±2℃
Based on dc-measurement at thermal equilibrium; case temperature maintained at 30℃±2℃



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com