Electronic Components Datasheet Search
  English  ▼

X  

BAT54SRF Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54SRF
Description  200mW SMD Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54SRF Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54SRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54SRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54SRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAT54 / A / C / S
200mW SMD Schottky Barrier Diode
Small Signal Diode
Rating and Characteristic Curves
FIG 1 Typical Forward Characteristics
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FIG 3 Admissible Power Dissipation Curve
0
50
100
150
200
250
0
25
50
75
100
125
150
Ambient Temperature (°C)
Reverse Voltage (V)
FIG 4 Typical Junction Capacitance
0
2
4
6
8
10
12
14
0
4
8
1216
2024
28
Reverse Voltage (V)
Instantanceous Forward Voltage (V)
FIG 2 Typical Reverse Characteristics
0.01
0.1
1
10
100
1000
0
5
10
15
20
25
30
25°C
75°C
125°C
Reverse Voltage (V)
-40°C
25°C
125°C
Version : D11



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com