Electronic Components Datasheet Search
  English  ▼

X  

BC807-40 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BC807-40
Description  0.3 Walts, PNP Plastic-Encasulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-40 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BC807-40 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-40 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES(BC807-16, BC807-25, BC807-40)
Version:C10
1000
100
10
FIG.3-COLLECTOR SAT VOLTAGE VS COLLECTOR CURRENT
0
0.1
0.2
0.3
0.4
0.5
- V
, COLLECTOR SATURATION VOLTAGE (V)
CESAT
1000
100
10
1
0.1
FIG.4- DC CURRENT GAIN VS COLLECTOR CURRENT
1000
100
10
0.1
FIG.1- POWER DERATING CURVE
0
100
200
400
300
200
100
0
T , SUBSTRATE TEMPERATURE ( C)
SB
50
150
SEE NOTE1
SEE NOTE1
FIG.5- TYPICAL EMITTER-COLLECTOR
CHARACTERISTICS
500
400
300
200
100
0
012
- V , COLLECTOR-EMITTER VOLTAGE (V)
CE
0.6
0.6
0.4
0.4
-I = 0.2 mA
B
-I = 0.2 mA
B
0.8
0.8
1.2
1.2
1.4
1.4
1.6
1.6
1.8
1.8
3.2
3.2
2.8
2.8
2.4
2.4
2.0
2.0
1.0
1.0
10
0
20
100
80
60
40
20
0
FIG.6- TYPICAL EMITTER-COLLECTOR
CHARACTERISTICS
- V , COLLECTOR-EMITTER VOLTAGE (V)
CE
0.35
0.35
0.3
0.3
0.25
0.25
0.2
0.2
0.15
0.15
0.1
0.1
-I = 0
B
.05 mA
-I = 0
B
.05 mA
0.4
0.4
- I , COLLECTOR CURRENT (mA)
C
1
10
100
1000
25 C
0
25 C
0
- V= 1V
CE
-V =1V
CE
-50 C
0
-50 C
0
150 C
0
150 C
0
- I , COLLECTOR CURRENT (mA)
C
1
10
100
1000
FIG.2- GAIN BANDWIDTH PRODUCT VS COLLECTOR
CURRENT
T = 25 C
f = 20MHz
A
O
-V = 5.0V
CE
-V = 5.0V
CE
1V
1V
150 C
O
150 C
O
25 C
O
25 C
O
-50 C
O
-50 C
O
TYPICAL
LIMITS
at T = 25 C
-/ -= 10
A
O
TYPICAL
LIMITS
at T = 25 C
-/ - = 10
A
O
II
CB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com