Electronic Components Datasheet Search
  English  ▼

X  

HER306 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER306
Description  3.0AMPS High Efficient Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER306 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER306 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER306 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CREAT BY ART
High efficiency, Low VF
High current capability
High reliability
High surge current capability
HER30X
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HER
301
HER
302
HER
303
HER
304
HER
305
HER
306
HER
307
Unit
VRRM
50
100
200
300
400
600
800
V
VRMS
35
70
140
210
280
420
560
V
VDC
50
100
200
300
400
600
800
V
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
V
1.7
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
150
A
3
1.0
1.3
For use in low voltage, high frequency inventor,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Mechanical Data
High temperature soldering guaranteed: 260℃/10s
/.375", (9.5mm) lead lengths at 5 lbs, (2.3kg) tension
50
75
10
250
Maximum Reverse Recovery Time (Note 2)
Maximum Reverse Current @ Rated VR TA=25 ℃
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum Average Forward Rectified Current
.375 (9.5mm) Lead Length @ TA=55℃
VF
Maximum RMS Voltage
Maximum DC Blocking Voltage
Typical Junction Capacitance (Note 3)
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
RθjA
RθjC
RθjL
40
7
10
OC/W
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Temperature Range
Storage Temperature Range
- 65 to + 150
Version:D11
- 65 to + 150
uA
Typical Thermal Resistance
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
HER301 - HER307
3.0AMPS High Efficient Rectifiers
Marking Diagram
DO-201AD
Dimensions in inches and (millimeters)
Epoxy: UL 94V-0 rate flame retardant
Case: Molded plastic
Weight: 1.2 grams
Features
Type Number
Polarity: Color band denotes cathode
50
70
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
IF(AV)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HER306

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER306 MOSPEC-HER306 Datasheet
126Kb / 2P
HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Won-Top Electronics
HER306 WTE-HER306 Datasheet
48Kb / 3P
3.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER306 ZOWIE-HER306 Datasheet
51Kb / 2P
HIGH EFFICIENCY RECTIFIER
logo
Rectron Semiconductor
HER306 RECTRON-HER306 Datasheet
288Kb / 2P
HIGH EFFICIENCY RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Ampere)
logo
Jinan Gude Electronic D...
HER306 JGD-HER306 Datasheet
169Kb / 2P
3.0 AMPS.HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER306

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS3AB TSC-HS3AB_11 Datasheet
136Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
HS3A TSC-HS3A_11 Datasheet
201Kb / 2P
3.0AMPS High Efficient Surface Mount Rectifiers
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
3.0AMPS High Efficient Rectifiers
HS3A TSC-HS3A_13 Datasheet
434Kb / 4P
3.0AMPS High Efficient Surface Mount Rectifiers
HS3AB TSC-HS3AB_13 Datasheet
442Kb / 4P
3.0AMPS High Efficient Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
HER301 CHONGQING-HER301_16 Datasheet
194Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
HS3A CHONGQING-HS3A Datasheet
178Kb / 1P
3.0AMPS. HIGH EFFICIENCY PLASTIC RECTIFIERS
BY396 CHONGQING-BY396_16 Datasheet
178Kb / 1P
3.0AMPS . FAST RECOVERY RECTIFIERS
1N5400 CHONGQING-1N5400_16 Datasheet
178Kb / 1P
3.0AMPS . SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com