Electronic Components Datasheet Search
  English  ▼

X  

30S8 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 30S8
Description  SI RECTIFIER, 2A < I(O)/I(F) S 5A
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

30S8 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  30S8 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 30S8

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
30S8 MICROSEMI-30S8 Datasheet
82Kb / 2P
3 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Micro Commercial Compon...
30S8 MCC-30S8 Datasheet
185Kb / 4P
3 Amp Medium Power Silicon Rectifier 50 - 1000 Volts
More results

Similar Description - 30S8

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
SI RECTIFIER, I(O)/I(F) S 100MA
1N250 NJSEMI-1N250 Datasheet
101Kb / 1P
SI RECTIFIER, 5A < I(O)/I(F) < 10A
1N483A NJSEMI-1N483A Datasheet
90Kb / 1P
SI RECTIFIER, 100MA < I(O)/I(F) S 200MA
1N3587 NJSEMI-1N3587 Datasheet
100Kb / 1P
Si Rectifier, 200A < I(O)/I(F) s 500A
1N3880 NJSEMI-1N3880 Datasheet
94Kb / 1P
Fast Rectifier, 5A < I(O)/I(F) s 10A
1N3981 NJSEMI-1N3981 Datasheet
80Kb / 1P
Si Rectifier, 2A
1N6080 NJSEMI-1N6080 Datasheet
82Kb / 1P
FAST RECTIFIERS, 2A < I(O) / I(F) < 5A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
Si Rectifier, 1A < I(O) / I(F) s 2A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com