Electronic Components Datasheet Search
  English  ▼

X  

HS5J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HS5J
Description  5.0AMPS High Efficient Surface Mount Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS5J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS5J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS5J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by ART
Glass passivated junction chip.
For surface mounted application
Low forward voltage drop
Low profile package
Fast switching for high efficiency
HS5X = Specific Device Code
G
= Green Compound
Y
= Year
M
= Work Month
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
HS
5A
HS
5B
HS
5D
HS
5F
HS
5G
HS
5J
HS
5K
HS
5M
Units
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
RθjA
OC/W
TJ
OC
TSTG
OC
Built-in stain relief, ideal for automatic
placement
Green compound with suffix "G" on packing
code & prefix "G" on datecode
High temperature soldering:
260℃/10 seconds at terminals
Terminal: Pure tin plated, lead free
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Plastic material used carries Underwriters
Laboratory Classification 94V-0
IFSM
Packing: 16mm tape per EIA STD RS-481
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Cases: Molded plastic
Maximum Instantaneous Forward Voltage (Note 1)
@ 5 A
VF
V
1.0
1.3
1.7
80
50
150
A
50
10
250
75
Note 2: Reverse Recovery Test Conditions: I F=0.5A, IR=1.0A, IRR=0.25A
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
- 55 to + 150
Mechanical Data
uA
Version:E11
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
60
5
Maximum Reverse Recovery Time (Note 2)
Maximum DC Reverse Current
@ T A=25 ℃
at Rated DC Blocking Voltage
@ T A=125 ℃
IR
HS5A - HS5M
5.0AMPS High Efficient Surface Mount Rectifiers
Marking Diagram
SMC/DO-214AB
Dimensions in inches and (millimeters)
Features
Weight: 0.21 grams
Maximum Thermal Resistance
Type Number
Maximum Average Forward Rectified Current
Polarity: Indicated by cathode band
Typical Junction Capacitance (Note 3)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - HS5J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS5J TSC-HS5J Datasheet
52Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5J TSC-HS5J Datasheet
248Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
HS5J TSC-HS5J Datasheet
438Kb / 2P
5.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Shenzhen Luguang Electr...
HS5J LUGUANG-HS5J Datasheet
232Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
HS5J TSC-HS5J Datasheet
427Kb / 4P
5.0AMPS High Efficient Surface Mount Rectifiers
More results

Similar Description - HS5J

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Shenzhen Luguang Electr...
HS5A LUGUANG-HS5A Datasheet
232Kb / 2P
5.0AMPS High Efficient Surface Mount Rectifiers
SK52C LUGUANG-SK52C Datasheet
204Kb / 2P
5.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
High Efficient Surface Mount Rectifiers
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
High Efficient Surface Mount Rectifiers
HS5A TSC-HS5A_13 Datasheet
427Kb / 4P
5.0AMPS High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com